ME16XAG-R
AI

The **ME16XAG-R** is an electronic component primarily classified as a **High-Frequency Chip Inductor** (specifically an Air Core Inductor) manufactured by companies like Coilcraft (or compatible alternatives). These are designed for RF (Radio Frequency) applications where precision and high Q-factors are critical.
---
### 1. Technical Specifications
The "ME16XAG" series typically refers to a specific size and performance profile. Below are the standard characteristics for this class of component:
| Feature | Description |
| :--- | :--- |
| **Component Type** | RF Air Core Inductor |
| **Package Size** | 1606 (1.6mm x 1.6mm approx.) |
| **Inductance Range** | Typically 1.6 nH to several hundred nH (depending on the specific dash code) |
| **Tolerance** | Generally ±2%, ±5%, or ±10% |
| **Termination** | RoHS compliant matte tin over nickel over silver-platinum-glass frit |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Key Internal Features
* **Air Core Construction:** Unlike inductors with ferrite cores, air core inductors have no magnetic core. This eliminates core losses and ensures that inductance remains constant regardless of the current applied.
* **High Q-Factor:** Because there is no iron/ferrite core to cause energy loss, these parts offer exceptionally high "Quality Factors," making them ideal for filtering and resonance.
* **High Self-Resonant Frequency (SRF):** These parts can operate at very high frequencies (into the GHz range) before they begin to act like capacitors.
---
### 3. Common Applications
The ME16XAG-R is used in high-frequency circuitry where signal integrity is paramount:
1. **RF Impedance Matching:** Used in the output stages of power amplifiers to match the antenna impedance.
2. **Filter Networks:** Integral in Band Pass Filters (BPF) and Low Pass Filters (LPF) for mobile communications.
3. **VCOs (Voltage Controlled Oscillators):** Provides the necessary inductance for stable oscillation in tuning circuits.
4. **Bluetooth/WLAN Modules:** Found in compact wireless communication devices.
---
### 4. Part Number Breakdown (Example)
While exact naming conventions vary by manufacturer, the code usually follows this logic:
* **ME:** Series Identifier (Air Core/Spring Inductor).
* **16:** Physical size or form factor code.
* **XAG:** Material or specific design iteration.
* **-R:** Typically indicates **RoHS Compliance** or **Tape & Reel** packaging.
- ⤷
What is the typical Q-factor range for air core inductors like the ME16XAG?
- ⤷ How does an air core inductor differ from a ferrite core inductor in high-frequency circuits?
- ⤷ What are the soldering considerations for SMD RF inductors?