ME12XBX-R
AI

The **ME12XBX-R** is a specific model of a **Miniature Intermediate Power Relay** manufactured by Magnecraft (now a brand under Schneider Electric). These relays are designed for industrial applications requiring reliable switching in a compact form factor.
### 1. Technical Specifications
The following table summarizes the key electronic characteristics of the ME12XBX-R:
| Feature | Specification |
| :--- | :--- |
| **Contact Configuration** | DPDT (2 Form C) |
| **Contact Rating (Resistive)** | 12 Amps @ 120/240 VAC |
| **Coil Voltage** | 12 VDC |
| **Coil Resistance** | ~160 Ohms (Typical) |
| **Mounting Style** | Plug-in / Socket Mount |
| **Contact Material** | Silver Alloy |
| **Features** | Manual Override / Flag Indicator (Mechanical) |
---
### 2. Internal Components & Construction
The device consists of several critical electronic and mechanical parts:
* **Electromagnetic Coil:** A precision-wound copper coil that creates a magnetic field when 12VDC is applied.
* **Armature:** The moving part of the relay that is pulled toward the coil when energized, physicaly shifting the contacts.
* **DPDT Contacts:** "Double Pole Double Throw" means it can control two separate circuits, switching each between a Normally Open (NO) and Normally Closed (NC) state.
* **Mechanical Flag:** A visual indicator (usually orange or red) that shows the user whether the relay is currently energized without needing a multimeter.
* **Manual Override Button:** A physical button that allows a technician to manually close the contacts to test the circuit logic.
---
### 3. Applications and Usage
Because of its 12A rating and 12VDC coil, it is commonly found in:
1. **Industrial Control Panels:** Switching solenoids, small motors, or heaters.
2. **HVAC Systems:** Controlling fans or damper motors.
3. **Automotive Test Equipment:** Interfacing low-voltage logic (12V) with high-voltage AC loads.
---
### 4. Wiring Diagram Logic
The pinout typically follows a standard 8-pin rectangular base configuration:
```text
Coil Pins: 7, 8 (12VDC)
Pole 1:
- Common: 1
- NC: 3
- NO: 5
Pole 2:
- Common: 2
- NC: 4
- NO: 6
```
- ⤷What is the compatible socket model for the ME12XBX-R?
- ⤷ Can this relay be used with an AC coil voltage?
- ⤷ What is the maximum switching voltage for the contacts?