MDL-110-R
AI

The **MDL-110-R** is a high-performance, ultra-compact laser distance sensor module (LiDAR) developed by **EAI (Envision Technology)**. It is part of the MDL series designed for precision ranging and spatial sensing in robotics and industrial automation.
---
## 1. Core Technical Specifications
The electronic architecture of the MDL-110-R focuses on low power consumption and high sampling frequency.
| Feature | Specification |
| :--- | :--- |
| **Technology** | Time-of-Flight (ToF) |
| **Range** | 0.1m to 10m (Standard) |
| **Sampling Frequency** | Up to 1000Hz (1kHz) |
| **Accuracy** | ±2cm to ±5cm (depending on distance) |
| **Communication Interface** | UART (TTL 3.3V) |
| **Operating Voltage** | 5V DC ±10% |
| **Current Consumption** | ~80mA |
| **Wavelength** | 850nm (Infrared) |
---
## 2. Key Electronic Components
### A. Optical Transmitter and Receiver
* **Laser Diode:** Uses an 850nm Class I eye-safe infrared laser. It emits short light pulses to be reflected by the target object.
* **SPAD/APD Sensor:** The receiver contains a sensitive photodiode (often a Single-Photon Avalanche Diode) that detects the returning photons with nanosecond precision.
### B. Signal Processing Unit (SoC)
* **High-Speed TDC (Time-to-Digital Converter):** The "brain" of the module that calculates the time interval between the pulse emission and the reflection reception.
* **Microcontroller:** An onboard MCU processes the raw time data, filters noise (ambient light suppression), and formats the distance data into a serial packet for the user.
### C. Interface and Protection
* **Pinout Definition:** The module typically uses a 4-pin or 6-pin connector:
1. **VCC:** Power supply (5V).
2. **GND:** Ground.
3. **TX:** Transmit Data (Serial output to Host).
4. **RX:** Receive Data (Control commands from Host).
* **Voltage Regulation:** Onboard LDOs (Low-Dropout Regulators) convert the 5V input to the 3.3V required by the internal logic.
---
## 3. Communication Protocol
The MDL-110-R communicates via **UART**. The standard configuration is usually:
* **Baud Rate:** 115,200 bps
* **Data Bits:** 8
* **Stop Bit:** 1
* **Parity:** None
### Sample Data Packet Structure
The module outputs a data stream that usually includes a frame header, distance value (in mm), signal strength (confidence), and a checksum.
```c
// Example Logical Data Format (Simplified)
[Header (0x55 0xAA)] [Distance_High] [Distance_Low] [Strength_High] [Strength_Low] [Checksum]
```
---
## 4. Operational Characteristics
* **Ambient Light Immunity:** The electronic filters are designed to work in indoor environments and limited outdoor lighting (up to 30k-50k lux).
* **FOV (Field of View):** The electronic beam divergence is small (typically < 3°), allowing for "point" sensing rather than area sensing.
---
- ⤷
What is the pinout configuration for the MDL-110-R connector?
- ⤷ How does the MDL-110-R handle measurement errors caused by dark surfaces?
- ⤷ Can the MDL-110-R be used for outdoor applications in direct sunlight?