MDL-1-R
AI

The **MDL-1-R** is a specific model of an electronic component, most commonly associated with the **MDL series** of miniature glass tube fuses manufactured by brands like **Eaton (Bussmann)**.
---
### 1. Component Overview
The MDL-1-R is a **Time-Delay (Slow-Blow)** glass tube fuse. In electronics, slow-blow fuses are designed to withstand temporary surges in current (like motor startups) without blowing, but will disconnect the circuit if a sustained overload occurs.
### 2. Technical Specifications
The "1" in the part number signifies its current rating, and the "R" signifies RoHS compliance.
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 1 Amp |
| **Voltage Rating** | 250 VAC |
| **Fuse Type** | Time-Delay (Slow-Blow) |
| **Material** | Glass Tube, Nickel-plated Brass Endcaps |
| **Size** | 1/4" x 1-1/4" (6.35mm x 31.75mm) |
| **Compliance** | RoHS Compliant (Lead-Free) |
### 3. Key Electronic Characteristics
* **Time-Delay Property:** Unlike "Fast-Acting" fuses (which blow almost instantly at 200% load), the MDL-1-R allows a brief window of overcurrent. This is critical for inductive loads.
* **Interrupting Rating:** This defines the maximum current the fuse can safely stop without physically exploding or arcing. At 250VAC, the interrupting rating is typically 35A.
* **Resistance:** It has a low cold resistance (measured in Ohms) to minimize voltage drop across the component during normal operation.
### 4. Typical Applications
The MDL-1-R is found in various electronic devices where "inrush current" is expected:
1. **Power Supplies:** Protecting the primary side of transformers.
2. **Consumer Electronics:** Older televisions, amplifiers, and audio equipment.
3. **Industrial Controls:** Small motors or solenoids that draw high current for a millisecond upon activation.
---
### 5. Identification Code Breakdown
```text
MDL - 1 - R
| | |
| | +-- RoHS Compliant (Lead-Free)
| +------ Amperage Rating (1 Amp)
+----------- Series Name (Time-Delay Glass Tube)
```
- ⤷What is the difference between an MDL and an AGC fuse?
- ⤷ How can I test if an MDL-1-R fuse is blown using a multimeter?
- ⤷ Are there ceramic equivalents to the MDL-1-R for higher vibration environments?