công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MCSO2EW

  • AI
    The **MCSO2EW** is a series of high-performance, high-stability **Clock Oscillators** manufactured by **Microcrystal** (a Swatch Group company). These components are specifically engineered for extreme environments, particularly in medical, aerospace, and defense applications. --- ### ## 1. Key Specifications The MCSO2EW is a crystal-controlled square wave oscillator. Below are the primary technical parameters: | Parameter | Specification Details | | :--- | :--- | | **Frequency Range** | 10 kHz to 225 MHz | | **Supply Voltage ($V_{DD}$)** | 1.8V, 2.5V, 3.3V, or 5.0V | | **Operating Temperature** | Standard: -55°C to +125°C (Extreme: up to +210°C) | | **Output Type** | CMOS / HCMOS Compatible | | **Package Style** | SMD Ceramic Package (typical 5.0 x 3.2 mm) | | **Stability** | $\pm$20 ppm to $\pm$100 ppm (depending on version) | --- ### ## 2. Core Features The "EW" designation often points to specific enhancements for reliability. * **High Shock & Vibration Resistance:** Designed to withstand mechanical stress, making it suitable for down-hole drilling tools or aerospace avionics. * **Low Power Consumption:** Optimized for battery-powered medical implants or portable military gear. * **Fast Start-up Time:** Typically features a start-up time of less than 5ms. * **Hermetically Sealed:** The ceramic package is vacuum-sealed to prevent environmental degradation of the quartz crystal. --- ### ## 3. Pin Configuration The MCSO2EW typically follows a standard 4-pad surface mount layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tristate) or No Connection | | **2** | GND | Ground / Case Connection | | **3** | Fout | Frequency Output (Square Wave) | | **4** | $V_{DD}$ | Supply Voltage | --- ### ## 4. Application Areas Because of its high reliability, you will find the MCSO2EW in: 1. **Medical Technology:** Pacemakers, neurostimulators, and diagnostic equipment. 2. **Aerospace:** Satellite communication systems and flight control computers. 3. **Industrial:** High-temperature sensors used in oil and gas exploration. 4. **Defense:** Secure radio communications and GPS guidance systems.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the 1.8V and 3.3V versions regarding power consumption?
    • ⤷ Can you provide the footprint dimensions for PCB layout design?
    • ⤷ How does the Enable/Disable function (Pin 1) affect the output impedance?