công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MCI18F-R39KA

  • AI
    The **MCI18F-R39KA** is a high-frequency, surface-mount (SMD) power inductor, typically manufactured by **Bourns** or similar magnetic component specialists. It belongs to a series designed for high-density circuits where small form factors and stable inductance are critical. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature. Here is the breakdown of its electrical and physical characteristics: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.39 µH (indicated by "R39") | | **Tolerance** | ±10% (indicated by "K") | | **Case Size** | 0603 (EIA) / 1608 (Metric) | | **Core Material** | Multilayer Ferrite | | **Operating Temperature** | -55°C to +125°C | | **Self-Resonant Frequency** | High (typically >250 MHz) | --- ### 2. Component Construction The "MCI" prefix usually denotes a **Multilayer Chip Inductor**. Unlike traditional wire-wound inductors, these are built using a "monolithic" process: * **Layers:** Alternating layers of ferrite paste and conductive electrode paste (usually silver) are printed. * **Integrated Circuitry:** The internal coil is created by connecting these layers through vias, forming a 3D spiral inside the ceramic body. * **Shielding:** Because the coil is buried inside the ferrite material, it is **self-shielded**, reducing electromagnetic interference (EMI) with neighboring components. --- ### 3. Application Areas Due to its low inductance (0.39 µH) and small footprint, the MCI18F-R39KA is used in high-frequency environments: 1. **Mobile Electronics:** Smartphones, tablets, and wearables where PCB space is extremely limited. 2. **RF Modules:** Impedance matching and filtering in Bluetooth, Wi-Fi, and cellular circuits. 3. **High-Speed Signal Lines:** Used for EMI suppression and noise filtering on high-speed data buses. 4. **DC-DC Converters:** Small power stages for low-current voltage regulation. --- ### 4. Advantages & Limitations * **Pros:** Compact size, excellent magnetic shielding, high reliability in harsh temperatures, and no "crosstalk" between parts. * **Cons:** Lower current handling (DC current) compared to wire-wound inductors; higher DC resistance (DCR) at equivalent sizes. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum DC current rating for the MCI18F-R39KA?
    • ⤷ How does a multilayer inductor differ from a wire-wound inductor in terms of performance?
    • ⤷ Can you provide a footprint diagram for the 0603 (1608) package size?