công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MCI1812-R10KBW

  • AI
    ## MCI1812-R10KBW: Technical Overview The **MCI1812-R10KBW** is a surface-mount device (SMD) multilayer ceramic chip inductor. It is widely used in high-frequency applications, power supplies, and signal-conditioning circuits where space-saving and reliability are critical. --- ### 1. Key Technical Specifications Below is a breakdown of the primary electrical and physical characteristics for this component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.10 µH (100 nH) | | **Tolerance** | ±10% (Indicated by 'K') | | **Case Size (EIA)** | 1812 (Metric: 4532) | | **Case Dimensions** | 4.5mm x 3.2mm | | **Material Type** | Ferrite / Multilayer Ceramic | | **Maximum DC Current (Idc)** | ~450 mA to 600 mA (Typical for this series) | | **DC Resistance (DCR)** | ~0.18 Ω to 0.35 Ω (Max) | | **Self-Resonant Frequency (SRF)** | > 400 MHz | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific properties of the component: * **MCI**: **M**ultilayer **C**hip **I**nductor. * **1812**: The physical dimensions (0.18 inches by 0.12 inches). * **R10**: The inductance value. "R" acts as the decimal point (R10 = 0.10 µH). * **K**: The tolerance rating. K stands for ±10%. * **B**: Packaging code (often signifies Bulk or specific Tape & Reel). * **W**: Termination style (Lead-free/RoHS compliant finish). --- ### 3. Core Features and Construction * **Multilayer Technology**: Instead of a wire-wound core, this part uses layers of conductive paste and ceramic/ferrite material sintered together. This results in a monolithic structure that is highly reliable and physically robust. * **Magnetic Shielding**: Because it is a multilayer structure, it is inherently self-shielding, which minimizes electromagnetic interference (EMI) with surrounding components. * **High Q-Factor**: Designed to maintain high efficiency and low loss at high frequencies. --- ### 4. Typical Applications The MCI1812-R10KBW is commonly found in the following environments: 1. **EMI Suppression**: Used in filtering circuits to block high-frequency noise in power lines. 2. **Communication Devices**: Mobile phones, pagers, and wireless LAN modules. 3. **Computing**: Hard disk drives (HDDs) and motherboards for voltage regulation modules. 4. **Signal Processing**: Decoupling and resonance in RF circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a multilayer inductor and a wire-wound inductor in terms of performance?
    • ⤷ How does the 1812 case size affect the thermal management of this inductor?
    • ⤷ Can this inductor be used in high-temperature automotive applications?