công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MCI1812-R10KBQ

  • AI
    ## Electronic Component Overview: MCI1812-R10KBQ The **MCI1812-R10KBQ** is a surface-mount multilayer ceramic inductor. It is designed for use in high-frequency circuits, filtering, and general-purpose decoupling where space and reliability are critical. ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Multilayer Ceramic Inductor | | **Inductance** | 0.1 µH (R10) | | **Tolerance** | ±10% (K) | | **Package Size** | 1812 (4.5mm x 3.2mm) | | **Operating Temperature** | -40°C to +125°C | | **Termination Style** | SMD/SMT | --- ### 2. Part Number Breakdown The nomenclature of this part follows a standard industry coding system: * **MCI**: Multilayer Ceramic Inductor Series. * **1812**: Case size (1.8 inches by 1.2 inches, roughly 4.5mm x 3.2mm). * **R10**: The Inductance value. "R" acts as a decimal point, resulting in **0.10 µH**. * **K**: Tolerance code, representing **±10%**. * **BQ**: Specific manufacturer packaging/material variation (usually indicates bulk or specific reel tape). --- ### 3. Applications and Use Cases These inductors are commonly found in the following electronic environments: * **RF Circuits:** Used for impedance matching and signal filtering in wireless communication modules. * **EMI Suppression:** Ideal for noise filtering in high-speed data lines. * **Power Management:** Used in small DC-DC converters for decoupling and smoothing output voltage. * **Consumer Electronics:** Found in mobile phones, tablets, and wearable devices due to its compact form factor. --- ### 4. Characteristics and Advantages 1. **Monolithic Structure:** The multilayer design provides high reliability and magnetic shielding, which minimizes crosstalk between components. 2. **Size Efficiency:** The 1812 footprint offers a balance between power handling and PCB space savings. 3. **Low DCR:** Typically features low DC Resistance, which reduces power loss and heat generation during operation.
    ✨ Follow-up Questions
    • ⤷ What are the alternative tolerance codes for this series?
    • ⤷ How does the self-resonant frequency (SRF) affect this inductor's performance?
    • ⤷ Can this part be used in automotive-grade applications?