MCI1812-R10JB
AI

The **MCI1812-R10JB** is a surface-mount fixed inductor, typically used in power management and signal filtering applications. It belongs to the **MCI (Multi-layer Chip Inductor)** series, known for its compact size and high reliability.
---
### 1. Technical Specifications
The part number encodes specific electrical and physical properties. Here is a breakdown of its technical profile:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.1 µH (100 nH) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Case Size** | 1812 (Metric: 4532) |
| **Current Rating** | High Current (Specific to manufacturer, typically 400mA - 800mA) |
| **Package Type** | Surface Mount Device (SMD) |
| **Material** | Ferrite Core |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying equivalent parts:
* **MCI**: Series prefix (Multilayer Chip Inductor).
* **1812**: Physical dimensions ($0.18 \times 0.12$ inches or $4.5 \times 3.2$ mm).
* **R10**: Inductance value ($R$ acts as a decimal point, $0.10$ µH).
* **J**: Tolerance code ($J = \pm5\%$, $K = \pm10\%$).
* **B**: Packaging code (usually refers to Bulk or Tape & Reel).
---
### 3. Key Applications
Inductors of this type are essential components in modern circuitry for the following purposes:
1. **EMI Suppression**: Used to filter out high-frequency noise in power lines.
2. **DC/DC Converters**: Helps in energy storage for voltage regulation.
3. **Signal Conditioning**: Used in RF circuits to allow DC to pass while blocking high-frequency AC.
4. **Decoupling**: Prevents noise from one part of a circuit from affecting another.
---
### 4. Characteristics & Performance
* **Low DCR (DC Resistance)**: Designed to minimize power loss and heat generation.
* **High Self-Resonant Frequency (SRF)**: Ensures the inductor maintains its properties at higher operating frequencies.
* **Robust Construction**: The multilayer ferrite structure provides excellent magnetic shielding, reducing crosstalk between components.
---
- ⤷
What are the equivalent replacements for the MCI1812-R10JB?
- ⤷ How does the '1812' size impact PCB layout design?
- ⤷ What is the difference between a ferrite core and a ceramic core inductor?