MC44CC373CAS
AI

## MC44CC373CAS Electronic Parts Overview
The **MC44CC373CAS** is a highly integrated **CMOS NTSC/PAL Modulator**. It is designed for applications like set-top boxes, VCRs, and DVD players to convert baseband audio and video signals into a radio frequency (RF) signal suitable for a television's antenna input.
---
### 1. Key Internal Components
The chip functions as a "system on a chip" for RF modulation. Below are the primary internal parts:
| Part / Module | Function |
| :--- | :--- |
| **Video Modulator** | AM modulates the video signal onto the RF carrier. |
| **Audio Modulator** | FM modulates the audio signal (mono) onto the sound subcarrier. |
| **VHF/UHF Oscillator** | Generates the high-frequency carrier signal (Channels 21–69). |
| **PLL Synthesizer** | Ensures frequency stability via I2C bus programming. |
| **Test Pattern Generator** | Produces a visual signal (usually vertical bars) for tuning purposes. |
| **I2C Interface** | Allows a microcontroller to set the channel and operational parameters. |
---
### 2. Physical Specifications
The "CAS" suffix typically refers to the package and lead-free status.
* **Package Type:** SOIC-16 (Small Outline Integrated Circuit).
* **Pin Count:** 16 pins.
* **Operating Voltage:** Typically 5V (Standard for analog video circuits).
* **Frequency Range:** Covers both VHF and UHF bands (approx. 45 MHz to 860 MHz).
---
### 3. Pinout Description (Core Pins)
To integrate the MC44CC373CAS, specific external components are required for these pins:
1. **VCC / GND:** Power supply pins (usually +5V).
2. **Video In:** Input for the composite video signal.
3. **Audio In:** Input for the analog mono audio signal.
4. **SDA / SCL:** I2C data and clock lines for digital control.
5. **RF Out:** The modulated output signal to be sent to the TV.
6. **XTAL:** Connection for an external crystal oscillator (usually 4MHz).
---
### 4. Required External Peripheral Components
While the IC does most of the work, it requires a small "tank" circuit and filtering to function correctly:
* **Decoupling Capacitors:** 100nF and 10uF capacitors near the VCC pin to reduce noise.
* **Crystal Oscillator:** A 4.0 MHz crystal is usually required for the internal PLL timing.
* **LC Filter:** An external inductor-capacitor network at the RF output to remove harmonics and improve signal purity.
* **Pull-up Resistors:** Necessary for the SDA and SCL I2C lines (typically 4.7kΩ).
---
### 5. Application Example
```c
// Pseudo-code example for I2C Channel Setting
void set_channel(int channel_freq) {
I2C_Start();
I2C_Write(0xCA); // Standard I2C address for MC44CC373
I2C_Write(highByte(channel_freq));
I2C_Write(lowByte(channel_freq));
I2C_Stop();
}
```
- ⤷
What are the specific I2C slave addresses used by the MC44CC373CAS?
- ⤷ How do you switch between NTSC and PAL standards using this chip?
- ⤷ What is the recommended crystal frequency for the internal PLL?