AI

The **MC20A-R82K-RC** is a high-performance **Power Inductor** (specifically a Surface Mount Device or SMD). It is commonly utilized in power management circuits for high-frequency DC-DC converters, laptops, and telecommunications equipment.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.82 µH (Microhenries) |
| **Tolerance** | ±10% (Indicated by the 'K' in the part number) |
| **Component Type** | Power Inductor / Shielded Core |
| **Construction** | Metal Alloy / Molded |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **RoHS Status** | Compliant (Indicated by 'RC') |
---
## 2. Key Electronic Features
### A. High Saturation Current
Due to its metal alloy core construction, this inductor handles high peak currents without the inductance dropping off sharply. This is critical for preventing circuit failure during power spikes.
### B. Low DCR (DC Resistance)
The "Low DCR" design ensures minimal energy loss as heat. This increases the overall efficiency of the power supply unit (PSU) it is integrated into, which is vital for battery-operated devices.
### C. Magnetic Shielding
The MC20A series is typically shielded. This construction reduces **Electromagnetic Interference (EMI)**, ensuring that the high-frequency switching noise of the inductor does not interfere with nearby sensitive components on the PCB.
---
## 3. Part Number Decoder
Understanding the nomenclature helps in identifying equivalent parts:
* **MC20A**: The series identifier (usually refers to the physical size and material composition).
* **R82**: Represents the Inductance value. `R` acts as a decimal point ($0.82$ µH).
* **K**: Tolerance code ($K = \pm 10\%$).
* **RC**: Denotes RoHS Compliance.
---
## 4. Common Applications
These parts are designed for environments where space is limited but power demands are high:
1. **Voltage Regulator Modules (VRMs):** Found near CPUs and GPUs to stabilize voltage.
2. **DC-DC Converters:** Buck, Boost, or Buck-Boost topologies.
3. **Portable Electronics:** Tablets, smartphones, and SSDs.
---
## 5. Equivalent Considerations
When looking for a replacement or equivalent, ensure the following parameters match or exceed the original:
* **Isat (Saturation Current):** Must be equal to or higher.
* **Irms (Rated Current):** Must be equal to or higher.
* **Footprint:** Check the length, width, and height (e.g., 2.5mm x 2.0mm).
- ⤷
What are the saturation and rated current values for the MC20A-R82K-RC?
- ⤷ How does the metal alloy core differ from a ferrite core in this specific inductor?
- ⤷ What are the physical dimensions (footprint) of the MC20A series?