MC0872A-R68M
AI

The **MC0872A-R68M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to the category of molded power chokes, known for their compact size and high current handling capabilities.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **MC** | Series Prefix | High-current molded inductor series |
| **0872** | Dimensions | Approx. 8.0mm x 7.0mm (Case size) |
| **R68** | Inductance Value | **0.68 µH** (R denotes the decimal point) |
| **M** | Tolerance | **±20%** |
---
### 2. Technical Specifications
While exact specifications can vary slightly by manufacturer (such as Codaca or Mag.Layers), the standard parameters for an R68M inductor in this size class are:
* **Inductance:** 0.68 µH
* **DC Resistance (DCR):** Extremely low (typically < 3.0 mΩ) to minimize power loss.
* **Saturation Current (Isat):** The current level where inductance drops by ~30%. Usually ranges between **15A to 25A**.
* **Heating Current (Irms):** The current causing a 40°C temperature rise. Usually ranges between **12A to 20A**.
* **Operating Temperature:** Typically **-40°C to +125°C**.
---
### 3. Key Features
The MC0872A-R68M is designed with specific construction techniques to ensure efficiency:
1. **Magnetic Shielding:** The molded construction uses a metal alloy powder core that provides excellent EMI (Electromagnetic Interference) shielding.
2. **Low Buzz Noise:** Because the core is molded around the coil, it minimizes physical vibrations that cause audible "acoustic noise."
3. **High Density:** Offers a very high current-carrying capacity relative to its small footprint.
4. **Soft Saturation:** Unlike ferrite inductors, these molded types do not have a sharp drop in inductance when current exceeds limits, making the circuit more stable.
---
### 4. Typical Applications
This component is found in circuits requiring high efficiency and high current in a small space:
* **Voltage Regulator Modules (VRM):** For CPUs and GPUs.
* **DC-DC Converters:** Point-of-Load (POL) power supplies.
* **Consumer Electronics:** Laptops, tablets, and high-end smartphones.
* **Automotive:** Infotainment and driver assistance systems (if AEC-Q200 qualified).
- ⤷
What are the equivalent alternative part numbers for the MC0872A-R68M?
- ⤷ How does the 'R68' inductance value affect the ripple current in a buck converter?
- ⤷ What is the difference between Isat and Irms for this specific inductor?