MC0872A-R30M
AI

## Technical Overview: MC0872A-R30M
The **MC0872A-R30M** is a high-current, surface-mount (SMD) **Power Inductor**. It is part of a series typically designed for high-density power applications where efficiency and thermal stability are critical.
---
### 1. Key Technical Specifications
Based on standard nomenclature for this component type, here are the primary specifications:
| Parameter | Value / Specification |
|:---|:---|
| **Inductance** | 0.30 µH (indicated by "R30") |
| **Tolerance** | ±20% (indicated by "M") |
| **Case Size** | Approximately 8.0 x 7.0 mm (indicated by "0872") |
| **Technology** | Molded Power Inductor (Metal Alloy Powder) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Physical and Material Composition
This component belongs to the "molded" inductor family, which offers several advantages over traditional wire-wound ferrite inductors:
* **Core Material:** Uses a metal alloy powder core. This provides a "soft saturation" characteristic, meaning the inductance doesn't drop off abruptly when current increases.
* **Construction:** The copper coil is placed inside a mold, and the metal powder is pressed around it. This results in a shielded construction that minimizes **Electromagnetic Interference (EMI)**.
* **Acoustic Noise:** The molded structure reduces mechanical vibration, significantly lowering "buzzing" sounds caused by magnetostriction.
---
### 3. Electronic Performance Characteristics
#### High Current Handling
Because of the low inductance (0.30 µH) and the metal alloy core, this part is designed to handle high **Saturation Currents (Isat)** and **Heating Currents (Irms)**, often exceeding 20A-30A depending on the specific manufacturer's thermal rating.
#### Low DCR (DC Resistance)
The "0872" size allows for a thicker internal copper wire, resulting in very low DC resistance. This minimizes power loss (I²R loss) and prevents the component from overheating during operation.
---
### 4. Common Applications
The MC0872A-R30M is typically found in high-performance power stages:
* **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power supplies on motherboards.
* **DC-DC Converters:** Point-of-Load (POL) converters for telecommunications.
* **Battery Powered Systems:** Where high efficiency is needed to extend battery life.
* **Automotive Electronics:** Infotainment and ADAS systems requiring stable power under temperature fluctuations.
---
- ⤷
What is the maximum saturation current (Isat) for this specific inductor?
- ⤷ How does the 'soft saturation' of a metal alloy inductor compare to a ferrite core?
- ⤷ What are the recommended footprint dimensions for soldering this part to a PCB?