công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MBR3100G-SMA-R

  • AI
    The **MBR3100G-SMA-R** is a high-performance Schottky Barrier Rectifier diode. It is designed for high-frequency rectification, polarity protection, and freewheeling applications where low power loss and high efficiency are critical. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the MBR3100G-SMA-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 100 | Volts | | **Maximum Average Forward Rectified Current** | $I_{O}$ | 3.0 | Amperes | | **Maximum Forward Voltage Drop** (@ 3A, 25°C) | $V_{F}$ | 0.85 | Volts | | **Peak Forward Surge Current** (8.3ms half-sine) | $I_{FSM}$ | 80 | Amperes | | **Operating Junction Temperature Range** | $T_{J}$ | -55 to +150 | °C | | **Package Type** | SMA | DO-214AC | — | --- ### 2. Functional Description As a **Schottky Diode**, this component differs from standard PN-junction diodes in several ways: * **Metal-to-Silicon Junction:** It utilizes a metal-to-semiconductor barrier, which results in a significantly lower forward voltage drop ($V_F$) compared to standard diodes (typically 0.85V vs. 1.1V). * **Fast Switching:** Because there is no minority carrier storage, the reverse recovery time is negligible. This makes it ideal for high-speed switching power supplies. * **Thermal Efficiency:** The "G" in the part number often indicates a Green/Halogen-free material, while the "SMA" refers to the surface-mount package designed for automated assembly. --- ### 3. Common Applications Due to its 3A current rating and 100V breakdown voltage, it is commonly found in: 1. **DC-DC Converters:** Used as a catch diode in buck or boost regulators. 2. **Reverse Polarity Protection:** Protecting sensitive circuitry from battery reversal. 3. **AC-DC Adaptation:** Rectification in low-voltage wall adapters. 4. **Freewheeling Diode:** Suppressing voltage spikes in inductive loads like motors or relays. --- ### 4. Layout and Design Considerations * **Heat Dissipation:** Although the SMA package is compact, 3 Amperes of current can generate significant heat. Large copper pads on the PCB are recommended to act as a heat sink. * **Voltage Margin:** It is rated for 100V. In switching environments, designers typically leave a 20% margin to account for voltage spikes.
    ✨ Follow-up Questions
    • ⤷What is the difference between an SMA and SMB package for this diode?
    • ⤷ How does the forward voltage drop change as the temperature increases?
    • ⤷ Can this diode be used in a bridge rectifier configuration?