công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MBR145G-Z41-R

  • AI
    The **MBR145G-Z41-R** is a specific technical configuration of a **Schottky Barrier Rectifier**. This component is primarily used for power management, rectification, and protection in electronic circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The MBR145G belongs to the Schottky diode family, known for low forward voltage drops and high-speed switching capabilities. | Parameter | Value | Description | | :--- | :--- | :--- | | **Diode Type** | Schottky | Utilizes a metal-semiconductor junction. | | **Forward Current ($I_F$)** | 1.0 Ampere | The maximum average rectified forward current. | | **Reverse Voltage ($V_{RRM}$)** | 45 Volts | The maximum repetitive peak reverse voltage. | | **Forward Voltage ($V_F$)** | ~0.55V - 0.70V | Low voltage drop compared to standard silicon diodes. | | **Operating Temp** | -65°C to +150°C | Wide thermal range for industrial use. | ### 2. Suffix Meaning & Packaging The suffix **-Z41-R** typically refers to manufacturer-specific assembly, lead-free status, or tape-and-reel packaging instructions: * **G:** Usually denotes a "Green" or Halogen-free component. * **Z41:** Often refers to a specific lead-forming style or internal factory code. * **R:** Generally indicates "RoHS Compliant" or "Reel" (Tape and Reel packaging). ### 3. Key Electronic Features * **Fast Switching:** Because Schottky diodes have no "reverse recovery time" ($t_{rr}$) related to minority carrier recombination, they switch nearly instantaneously. * **Low Power Loss:** The low forward voltage drop minimizes heat dissipation, increasing the efficiency of power supplies. * **Guard Ring Protection:** Most MBR series diodes include an internal guard ring for stress protection and long-term reliability against overvoltage. ### 4. Typical Applications This specific part is commonly found in the following circuit types: 1. **Freewheeling Diodes:** Used in switching power supplies (SMPS) to provide a path for inductor current. 2. **Polarity Protection:** Placed in series with a DC input to prevent damage if a battery or adapter is connected backward. 3. **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails. 4. **High-Frequency Rectification:** Converting high-frequency AC to DC in DC-DC converters. --- ### 5. Implementation Example (Basic Protection) ` ` `cpp // Circuit Logic: Battery Polarity Protection // [Battery +] ---> [Anode (MBR145G) Cathode] ---> [Load Positive] // [Battery -] ----------------------------------> [Load Negative] // Result: If battery is reversed, the MBR145G blocks current flow, // protecting sensitive electronics. ` ` `
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the MBR145G?
    • ⤷ How does a Schottky diode differ from a standard PN-junction diode in terms of efficiency?
    • ⤷ What package type (e.g.
    • ⤷ DO-41
    • ⤷ SMA) is most common for this part number?