MAH73FBG-R
AI

The **MAH73FBG-R** is a high-performance, magnetic Hall-effect current sensor, typically manufactured by companies like **MultiDimension Technology (MDT)**. It belongs to the Anisotropic Magnetoresistive (AMR) sensor family, designed for non-contact, high-precision current measurement.
---
### 1. Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the MAH73FBG-R:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Technology** | TMR/AMR (Magnetic) | - |
| **Supply Voltage ($V_{cc}$)** | 4.5 to 5.5 | Volts (V) |
| **Current Range** | Configurable (e.g., ±50A to ±150A) | Amps (A) |
| **Output Type** | Ratiometric Analog | - |
| **Bandwidth** | 100 - 200 | kHz |
| **Isolation Voltage** | > 2.5 | kV |
| **Package Style** | SOIC-8 or similar Surface Mount | - |
---
### 2. Key Internal Components
The MAH73FBG-R functions through a combination of several electronic subsystems:
* **Sensing Element:** A highly sensitive magnetic bridge that detects the magnetic field generated by current flowing through a primary conductor.
* **Signal Conditioning ASIC:** An application-specific integrated circuit that amplifies the micro-volt signals from the bridge into a usable analog voltage.
* **Temperature Compensation:** Internal circuitry that adjusts the output to remain stable even as the sensor heats up during high-load operation.
* **Galvanic Isolation:** The internal architecture ensures there is no electrical connection between the high-current path and the low-voltage sensor output, protecting the microcontroller.
---
### 3. Application Use Cases
This specific part is widely used in power electronics where efficiency and space-saving are critical:
1. **Inverters:** Monitoring current in solar inverters or motor drives.
2. **Battery Management Systems (BMS):** Tracking charge and discharge cycles in electric vehicles or UPS systems.
3. **Overcurrent Protection:** Rapidly detecting short circuits to prevent hardware damage.
4. **Switched-Mode Power Supplies (SMPS):** Providing feedback loops for DC-DC converters.
---
### 4. Sample Integration Logic
To read data from the MAH73FBG-R using an Arduino or Microcontroller, you can use the following logic:
```cpp
// Basic analog read for MAH73FBG-R
const int sensorPin = A0;
float vcc = 5.0; // Supply voltage
float sensitivity = 0.040; // Example: 40mV per Amp
void setup() {
Serial.begin(9600);
}
void loop() {
int rawValue = analogRead(sensorPin);
float voltage = (rawValue / 1024.0) * vcc;
// Calculate current based on 2.5V (Vcc/2) zero-current offset
float current = (voltage - (vcc / 2.0)) / sensitivity;
Serial.print("Current (A): ");
Serial.println(current);
delay(100);
}
```
- ⤷
What is the exact sensitivity (mV/A) for the MAH73FBG-R variant?
- ⤷ How does AMR technology compare to standard Hall-effect sensors in terms of accuracy?
- ⤷ What are the thermal limits for this sensor in industrial environments?