công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MAH66FCG-R

  • AI
    The **MAH66FCG-R** is a high-performance, automotive-grade MEMS (Micro-Electro-Mechanical Systems) sensor. It is primarily categorized as a **6-Axis Inertial Measurement Unit (IMU)**, combining a 3-axis accelerometer and a 3-axis gyroscope into a single compact package. --- ### 1. Key Technical Specifications The following table summarizes the core electronic characteristics of the MAH66FCG-R: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | 6-Axis (3-Axis Accel + 3-Axis Gyro) | | **Interface** | I2C / SPI (Serial Peripheral Interface) | | **Supply Voltage (Vdd)** | 1.71V to 3.6V | | **Operating Temperature** | -40°C to +105°C (Automotive Grade) | | **Package Type** | LGA (Land Grid Array) | | **Dimensions** | Approx. 2.5 x 3.0 x 0.83 mm | --- ### 2. Functional Components #### A. 3-Axis Accelerometer This component measures linear acceleration along the X, Y, and Z axes. It is used to detect: * **Tilt and Orientation:** Determining the device's position relative to gravity. * **Impact Detection:** Sensing sudden shocks or collisions. * **Motion Wake-up:** Detecting when a vehicle or device starts moving. #### B. 3-Axis Gyroscope This component measures angular velocity (rate of rotation) around the X, Y, and Z axes. It is critical for: * **Dynamic Stability:** Helping vehicle systems maintain control during turns. * **Dead Reckoning:** Assisting GPS systems when signals are lost (e.g., in tunnels). * **Vibration Analysis:** Monitoring high-frequency rotations. #### C. Signal Processing Engine The internal ASIC (Application-Specific Integrated Circuit) handles: * **Analog-to-Digital Conversion (ADC):** Converting mechanical movement into digital data. * **Temperature Compensation:** Adjusting readings based on heat to ensure accuracy. * **FIFO Buffer:** Storing data internally to reduce the processing load on the host microcontroller. --- ### 3. Application Areas Because the "FCG-R" suffix often denotes specific automotive or high-reliability qualifications, it is commonly found in: 1. **Telematics Units:** Tracking driving behavior and crash logs. 2. **Navigation Systems:** Providing precise motion data for "Map Matching." 3. **Industrial Robotics:** Ensuring balance and movement precision in harsh environments. --- ### 4. Typical Implementation To integrate this part, a developer typically uses the following hardware configuration: ```c // Example pseudocode for initializing the MAH66FCG-R via SPI void init_IMU() { write_register(CTRL_REG1, 0x40); // Set Output Data Rate (ODR) write_register(CTRL_REG2, 0x04); // Enable High Performance Mode write_register(FIFO_CTRL, 0x01); // Enable FIFO storage } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific G-force and DPS ranges for this sensor?
    • ⤷ How does the 'R' suffix distinguish it from the standard MAH66FCG model?
    • ⤷ What is the power consumption in low-power mode versus high-performance mode?