MAH66FBX-R
AI

The **MAH66FBX-R** is a high-performance, ultra-low power magnetic sensor component, typically manufactured by companies like **MultiDimension Technology (MDT)**. It belongs to the TMR (Tunneling Magnetoresistance) sensor family, designed for high-sensitivity applications.
### 1. Key Technical Specifications
The following table summarizes the primary electronic characteristics of the MAH66FBX-R:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Supply Voltage ($V_{CC}$)** | 1.8 – 5.5 | Volts |
| **Supply Current** | 1.5 – 2.0 | Microamps ($\mu A$) |
| **Sensitivity** | High (TMR based) | - |
| **Operating Temperature** | -40 to 125 | °C |
| **Output Type** | Push-Pull / Digital | - |
| **Switching Type** | Omnipolar | - |
---
### 2. Core Electronic Features
The internal circuitry of this part is sophisticated, integrating TMR technology with CMOS logic.
* **TMR Sensor Element:** Unlike Hall Effect sensors, TMR sensors utilize the magnetic tunnel junction effect. This results in significantly higher sensitivity and lower power consumption.
* **Omnipolar Operation:** The device responds to both North and South magnetic poles. It switches its output state when the magnetic flux density exceeds the operating point ($B_{OP}$) and resets when it falls below the release point ($B_{RP}$).
* **Ultra-Low Power Consumption:** With a current draw in the microamp range, it is ideal for battery-powered IoT devices and wearables.
* **Built-in Temperature Compensation:** The internal circuitry includes logic to maintain stable switching points even as the ambient temperature fluctuates.
### 3. Pin Configuration and Integration
The MAH66FBX-R usually comes in a small surface-mount package (like SOT-23 or similar).
```c
/* Basic Logic Representation */
if (Magnetic_Field > B_OP) {
Output = LOW; // Active state
} else if (Magnetic_Field < B_RP) {
Output = HIGH; // Idle state
}
```
### 4. Typical Applications
Due to its electronic profile, this part is commonly used in:
* **Smart Meters:** Detecting magnetic tampering in water or gas meters.
* **Proximity Switches:** Door/window sensors in security systems.
* **Liquid Level Sensing:** Non-contact level detection using floating magnets.
* **Speed Sensing:** Low-frequency rotational counting.
---
- ⤷
What are the specific B_OP and B_RP magnetic thresholds for the MAH66FBX-R?
- ⤷ How does TMR technology compare to standard Hall Effect sensors in terms of power efficiency?
- ⤷ What is the recommended decoupling capacitor value for the VCC pin of this sensor?