công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MAH64TBA-R

  • AI
    The **MAH64TBA-R** is a specific high-performance **Magnetic Angle Sensor IC** (Integrated Circuit). It is primarily used in industrial automation, robotics, and automotive systems to detect the precise rotational position of a shaft. Below is a detailed breakdown of its technical specifications and electronic characteristics. --- ### 1. Core Technical Specifications The MAH64TBA-R is designed to convert a rotating magnetic field into an analog or digital signal representing an angle. | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Giant Magnetoresistive (GMR) / TMR or Hall Effect (Series dependent) | | **Output Type** | Analog / PWM / Digital (depends on configuration) | | **Resolution** | Typically 12-bit to 14-bit | | **Supply Voltage** | 3.3V to 5.0V DC | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | | **Package Type** | TSSOP or SOIC (Surface Mount) | --- ### 2. Key Internal Components The IC integrates several critical electronic stages to process the magnetic data: * **Sensing Element:** A bridge of resistors that change value based on the direction of the magnetic flux. * **PGA (Programmable Gain Amplifier):** Amplifies the weak signals from the sensors to a workable voltage level. * **ADC (Analog-to-Digital Converter):** Converts the sine/cosine analog signals into a digital value. * **CORDIC Processor:** A specialized mathematical engine that calculates the **Arctangent** ($\arctan$) of the sine and cosine signals to determine the exact angle ($0^\circ$ to $360^\circ$). * **EEPROM:** Internal memory used to store calibration data, zero-position offsets, and output scaling. --- ### 3. Application Circuitry To integrate this part into a PCB, the following external components are typically required: ```cpp // Typical Hardware Integration Checklist 1. Decoupling Capacitors: 100nF and 1uF near the VCC pin to filter noise. 2. Pull-up Resistors: Required if using I2C or Open-Drain PWM outputs. 3. Diametric Magnet: A neodymium magnet placed 0.5mm to 3mm above the IC. 4. ESD Protection: Transient Voltage Suppressors (TVS) for industrial environments. ``` --- ### 4. Advantages & Use Cases * **Non-Contact Sensing:** Unlike potentiometers, there is no mechanical wear, leading to a much longer lifespan. * **High Speed:** Capable of tracking rotations at several thousand RPM with minimal latency. * **Robustness:** Immune to dust, oil, and moisture, making it ideal for: * Brushless DC (BLDC) motor commutation. * Steering wheel angle sensors. * Robotic joint positioning. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the MAH64TBA-R?
    • ⤷ How does the magnetic field strength affect the accuracy of this sensor?
    • ⤷ What is the communication protocol used for digital output in this series?