MAH28FAG-R
AI

The **MAH28FAG-R** is a specific model of a **Brushless DC (BLDC) Cooling Fan**, typically manufactured by companies like **Nidec** or similar high-end thermal solution providers. These fans are engineered for high-performance cooling in servers, networking equipment, and industrial power supplies.
---
### 1. Technical Specifications
The following table outlines the typical electrical and mechanical characteristics for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Rated Voltage** | 12V DC |
| **Operating Voltage Range** | 7.0V – 13.8V |
| **Rated Current** | ~0.30A - 0.60A (Varies by sub-revision) |
| **Bearing Type** | Dual Ball Bearing (High Reliability) |
| **Speed (RPM)** | High Speed (approx. 5,000 - 8,000 RPM) |
| **Connector** | 3-pin or 4-pin (PWM) |
| **Frame Material** | PBT Plastic (UL94V-0 Rated) |
---
### 2. Key Electronic Components & Features
The MAH28FAG-R is more than just a motor; it contains an integrated circuit (IC) board that manages several electronic functions:
#### A. Brushless DC Motor Controller
Inside the hub, there is a **Hall Effect Sensor** and a driver IC.
* **Function:** The sensor detects the magnetic position of the rotor.
* **Action:** The IC switches the current through the stator coils at the exact right moment to maintain rotation without the friction of physical brushes.
#### B. PWM Control (Pulse Width Modulation)
If the model features a 4-wire interface, it includes a PWM control circuit.
* **Function:** Allows the motherboard or system controller to adjust the fan speed dynamically.
* **Benefit:** Reduces noise and power consumption when the system is idling.
#### C. Tachometer (Frequency Generator) Output
The "FG" or "R" suffix often indicates a **Speed Signal** output.
* **Mechanism:** The fan outputs a square wave pulse (usually 2 pulses per revolution).
* **Purpose:** Allows the system to monitor the fan's RPM and trigger an alarm if the fan stalls or fails.
#### D. Protection Circuitry
The internal PCB typically includes:
* **Auto-Restart Protection:** If the blades are physically blocked, the IC cuts power to prevent the coils from burning out, then periodically attempts to restart.
* **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are accidentally swapped.
---
### 3. Pinout Configuration
Standard wiring for this type of electronic part usually follows this color code:
1. **Black:** Ground (GND)
2. **Red:** Power (+12V)
3. **Yellow/White:** Tachometer (Speed signal)
4. **Blue (if 4-pin):** PWM Control signal
---
- ⤷
What is the exact CFM (airflow) rating for the MAH28FAG-R?
- ⤷How do I test the Tachometer signal using an oscilloscope?
- ⤷Can this fan be used with a 5V power source instead of 12V?