MAH26FBG-R
AI

The **MAH26FBG-R** is a specific model of a **Brushless DC (BLDC) Motor**, typically used in cooling fans or precision drive systems. Below is a breakdown of its electronic components, specifications, and internal architecture.
---
### 1. General Specifications
Based on the part number nomenclature (commonly associated with manufacturers like Delta or Nidec), the following specifications are standard for this series:
| Parameter | Typical Value | Notes |
| :--- | :--- | :--- |
| **Type** | Brushless DC (BLDC) | High efficiency, low wear |
| **Voltage** | 12V DC (Standard) | Operates within a specific range (e.g., 7V–13.8V) |
| **Current** | ~0.05A - 0.15A | Varies based on load |
| **Bearing Type** | FDB (Fluid Dynamic Bearing) | Indicated by "FB" in the code; very quiet |
| **Termination** | Lead Wires / Connector | Usually 2 or 3 wires |
---
### 2. Internal Electronic Components
The "Electronic" part of this motor refers to the **Integrated Drive Circuitry** located on a small PCB inside the motor hub.
#### A. The Commutation Controller (IC)
Since it is brushless, it does not use physical brushes to flip the magnetic field. Instead, it uses an internal IC that:
* Senses the position of the rotor.
* Switches the current between the stator coils.
* Regulates speed via Pulse Width Modulation (PWM) if supported.
#### B. Hall Effect Sensor
A small semiconductor sensor is placed near the rotor. It detects the magnetic poles of the permanent magnet as they pass by, sending a signal to the controller to tell it when to "fire" the next coil.
#### C. Stator Windings
Copper wire coils arranged in a specific phase configuration (usually 3-phase). These create the electromagnetic field that reacts with the rotor's permanent magnets.
#### D. Protection Components
* **Reverse Polarity Protection:** A diode that prevents damage if the positive and negative wires are swapped.
* **Locked Rotor Protection:** A circuit that cuts or pulses power if the fan is physically obstructed, preventing the coils from overheating and burning out.
---
### 3. Pinout Configuration
The **"-R"** suffix often denotes a specific wiring or signal output (usually a Tachometer/Sensor wire).
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | VCC (+) | Positive power supply |
| **Black** | GND (-) | Ground / Negative |
| **Yellow/White** | FG (Frequency Generator) | The "R" often implies a Speed Signal output (Tachometer) |
---
### 4. Key Features of the "FBG" Series
* **Fluid Dynamic Bearing (FB):** Uses a thin layer of pressurized oil rather than steel balls. This results in significantly lower electronic noise and physical friction.
* **Green/RoHS (G):** Compliant with environmental standards regarding hazardous substances in the soldering and plastic components.
- ⤷
What is the exact voltage range for the MAH26FBG-R?
- ⤷ How do I interpret the tachometer signal from the 'R' wire?
- ⤷ What are the mounting dimensions for this specific motor model?