AI

The **MAH26FAG-R** is a high-performance, ultra-compact brushless DC (BLDC) motor, typically categorized as a "Micro Actuator" or "Micro Motor." These components are widely used in precision engineering, medical devices, and handheld electronics where space is extremely limited but torque and efficiency are required.
---
### 1. Technical Specifications
The following table outlines the typical electrical and mechanical characteristics of the MAH26 series:
| Parameter | Typical Value |
| :--- | :--- |
| **Motor Type** | Brushless DC (BLDC) |
| **Operating Voltage** | 2.5V - 5.0V DC |
| **Diameter** | ~2.6 mm |
| **Body Length** | ~6.0 mm - 10.0 mm |
| **No-Load Speed** | 15,000 - 35,000 RPM |
| **Rated Torque** | 0.05 - 0.15 mN·m |
| **Direction of Rotation** | CW / CCW (Bi-directional) |
---
### 2. Key Electronic Components & Construction
The MAH26FAG-R operates on electromagnetic principles but differs from standard motors due to its miniaturization:
* **Permanent Magnet Rotor:** Uses high-grade Neodymium (NdFeB) magnets to provide a strong magnetic field in a tiny footprint.
* **Stator Windings:** Precisely wound copper coils. Since it is brushless, there are no physical brushes to wear out, increasing the lifespan of the part.
* **Lead Wires/FPC:** Usually features a Flexible Printed Circuit (FPC) or ultra-thin lead wires for connection to a motor driver.
* **Integrated Bearings:** Often utilizes high-precision jewelry-grade bearings or miniature ball bearings to reduce friction at high RPMs.
---
### 3. Driving the MAH26FAG-R
Because this is a **Brushless** motor, it cannot be powered by connecting it directly to a battery. It requires an external electronic speed controller (ESC) or a driver IC.
```python
# Conceptual logic for a BLDC Driver controlling the motor
def drive_motor(target_rpm):
if motor_feedback < target_rpm:
increase_phase_frequency() # Increase switching speed of the coils
elif motor_feedback > target_rpm:
decrease_phase_frequency() # Slow down the commutation
```
**Common Driver Requirements:**
* **3-Phase Commutation:** The driver must switch the current through the stator coils in a specific sequence.
* **Back-EMF Sensing:** Since these motors are often "sensorless," the driver detects the position of the rotor by measuring the voltage generated in the unpowered coil.
---
### 4. Common Applications
Due to its size (2.6mm diameter), this part is found in:
1. **Medical Technology:** Endoscopes, micro-pumps, and surgical tools.
2. **Optics:** Zoom and focus actuators for miniature camera modules.
3. **Haptics:** Advanced vibration feedback in wearable devices.
4. **Drones:** Micro-gimbal stabilization systems.
- ⤷
What is the pinout configuration for the MAH26FAG-R connector?
- ⤷ Which specific driver ICs are recommended for controlling 2.6mm BLDC motors?
- ⤷ How does the power consumption of this micro-motor compare to traditional brushed motors of the same size?