MAH25TAX-R
AI

The **MAH25TAX-R** is a high-performance, magnetic absolute rotary encoder typically used in industrial automation, robotics, and precision motion control. It is designed to provide precise angular position feedback even in harsh environments.
---
### 1. Technical Specifications
The following table outlines the primary electronic and mechanical characteristics of the MAH25TAX-R:
| Feature | Specification |
| :--- | :--- |
| **Sensing Technology** | Magnetic (Hall Effect / Magnetoresistive) |
| **Output Type** | Absolute (Maintains position after power loss) |
| **Resolution** | Usually 10-bit to 12-bit (Up to 4096 positions) |
| **Communication Interface** | Typically SSI (Synchronous Serial Interface) or Analog |
| **Supply Voltage** | 5V DC or 12-24V DC (Model dependent) |
| **Housing Diameter** | 25mm (Compact form factor) |
| **Protection Class** | IP64 or IP65 (Dust and splash resistant) |
---
### 2. Key Electronic Components
The internal architecture of this encoder consists of several critical electronic stages:
* **Permanent Magnet:** Fixed to the rotating shaft. As it rotates, the magnetic field orientation changes relative to the sensor.
* **Sensor ASIC:** A specialized Integrated Circuit (often a Hall-effect array) that detects the angle of the magnetic field.
* **Signal Processor/Microcontroller:** Converts the raw analog signals from the sensor into a digital format (Binary or Gray code).
* **Output Driver:** Manages the communication protocol (e.g., RS422 differential drivers for SSI) to ensure signal integrity over long cables.
---
### 3. Advantages of the MAH25 Series
1. **Non-Contact Sensing:** Because there is no physical contact between the sensor and the rotating magnet, there is zero mechanical wear on the electronic sensing elements.
2. **Compact Size:** The "25" in the part number refers to the 25mm diameter, making it ideal for tight spaces like small robot joints.
3. **Durability:** Unlike optical encoders, magnetic encoders are not affected by dust, oil, or vibrations that might obscure a glass disk.
### 4. Wiring and Integration
Standard integration involves a multi-wire shielded cable. Below is a generic representation of a typical SSI wiring pinout for this class of device:
```yaml
Pin 1: Vcc (Power Supply +)
Pin 2: GND (0V / Ground)
Pin 3: Clock + (SSI Clock Input)
Pin 4: Clock - (SSI Clock Input)
Pin 5: Data + (Position Output)
Pin 6: Data - (Position Output)
```
---
- ⤷
What are the specific communication protocols supported by the 'TAX' variant?
- ⤷ How does the magnetic sensing accuracy compare to optical encoders?
- ⤷ What is the maximum rotational speed (RPM) for the MAH25TAX-R?