công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MAH25FCG-R

  • AI
    The **MAH25FCG-R** is a high-performance **Brushless DC (BLDC) Motor Driver/Controller**, typically used in industrial automation, medical equipment, and precision robotics. It is designed to drive three-phase BLDC motors with integrated feedback control. --- ## 1. Core Specifications The following table highlights the primary electrical characteristics of the MAH25FCG-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | Typically 24V DC (Range: 12V - 30V) | | **Current Rating** | 2.5A to 5A (depending on thermal management) | | **Motor Type** | 3-Phase Brushless DC (BLDC) | | **Feedback Mechanism** | Hall Effect Sensors | | **Control Method** | PWM (Pulse Width Modulation) | | **Mounting Style** | Integrated PCB / Module | --- ## 2. Key Electronic Components & Features The "electronic parts" or subsystems integrated within this module include: ### A. Power Stage (Inverter) * **MOSFET H-Bridge:** Contains six power MOSFETs arranged in three half-bridges. These switch the DC input into a 3-phase AC-like signal to drive the motor windings. * **Gate Drivers:** Internal circuitry that provides the necessary voltage levels to switch the MOSFETs efficiently. ### B. Control Logic (MCU/ASIC) * **PWM Generator:** Receives speed/direction signals and generates the duty cycle required to control motor speed. * **Commutation Logic:** Uses inputs from the motor's Hall sensors to determine the rotor position and switch the phases in the correct sequence. ### C. Protection Circuitry * **Over-Current Protection (OCP):** Monitors the shunt resistors to shut down the driver if the current exceeds safe limits. * **Thermal Shutdown:** Protects the internal silicon from overheating. * **Under-Voltage Lockout (UVLO):** Prevents the motor from operating if the input voltage is too low to drive the MOSFETs properly. --- ## 3. Pinout and Interface Commonly, these modules utilize a standard interface for integration: 1. **VCC / GND:** Main power supply inputs. 2. **U, V, W:** 3-phase outputs to the motor. 3. **H1, H2, H3:** Inputs for Hall Effect sensor signals. 4. **V-REF / PWM:** Analog or digital input to control the speed. 5. **DIR:** Logic input for clockwise/counter-clockwise rotation. 6. **FG (Frequency Generator):** Output pulse signal used to monitor actual motor RPM. --- ## 4. Typical Applications * **Cooling Fans:** High-reliability server or industrial cooling. * **Pumps:** Precision fluid delivery in medical devices. * **Conveyors:** Small-scale automated sorting lines.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MAH25FCG-R?
    • ⤷ Can this driver support sensorless BLDC operation?
    • ⤷ How do I calculate the PWM frequency for optimal motor performance?