AI

The **MAH24FAA-R** is an electronic component primarily classified as a **Bipolar Stepper Motor**, specifically within the "Minebea" (NMB Technologies) product line. It is a miniature, high-precision motor often used in medical devices, office automation, and precision instruments.
---
### 1. Technical Specifications
The following table outlines the key electrical and mechanical characteristics of the MAH24FAA-R:
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | Bipolar Stepper Motor |
| **Step Angle** | 15° per step |
| **Drive Voltage** | 24V DC (Standard) |
| **Resistance per Phase** | ~20 - 30 Ohms (varies by sub-revision) |
| **Frame Size** | 24mm Diameter |
| **Winding Type** | 2-Phase Bipolar |
| **Magnet Material** | Neodymium or Ferrite (depending on torque requirements) |
---
### 2. Core Electronic Components
The "part" itself is an assembly of several electronic and electromagnetic elements:
* **Stator Windings:** Copper wire coils that create the magnetic field when energized by a driver.
* **Permanent Magnet Rotor:** Usually a multi-pole cylindrical magnet that reacts to the stator's field to produce rotation.
* **Lead Wires/Connector:** Typically features a 4-pin interface (standard for bipolar motors) to connect to a Stepper Driver IC.
* **Bearings:** Precision ball bearings or sleeve bearings to ensure low-friction rotation.
---
### 3. Driving the MAH24FAA-R
Since this is a **Bipolar** motor, it cannot be powered by a simple DC source. It requires a dedicated **H-Bridge** driver circuit.
**Example Wiring Logic:**
```python
# Pseudo-code logic for a Stepper Driver (e.g., A4988 or DRV8825)
# to rotate the MAH24FAA-R
import time
STEP_PIN = 18
DIR_PIN = 19
def rotate_motor(steps, direction):
# Set Direction: 1 for CW, 0 for CCW
GPIO.output(DIR_PIN, direction)
for _ in range(steps):
GPIO.output(STEP_PIN, True)
time.sleep(0.01) # Pulse width
GPIO.output(STEP_PIN, False)
time.sleep(0.01) # Speed control
```
---
### 4. Common Applications
* **Medical Equipment:** Precision fluid pumps and analytical instruments.
* **Office Automation:** Small printers, scanners, and paper feed mechanisms.
* **Robotics:** Small-scale grippers or sensor-swiveling mounts.
- ⤷
What are the compatible stepper driver ICs for the MAH24FAA-R?
- ⤷ How do I calculate the holding torque for this specific motor size?
- ⤷ What is the pinout configuration for the 4-wire bipolar connector?