công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MAH22TAA-R

  • AI
    The **MAH22TAA-R** is a high-performance **MEMS (Micro-Electro-Mechanical Systems) Accelerator** or motion sensor module, typically used in industrial and automotive applications for vibration monitoring and tilt sensing. Below is a detailed breakdown of its technical specifications and electronic characteristics. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | MEMS Capacitive Accelerometer | | **Axis** | Single-axis or Multi-axis (model dependent) | | **Output Type** | Analog / Ratiometric | | **Package Style** | Surface Mount (SMD) / Module | | **Primary Use** | Vibration analysis, inclination sensing, and seismic monitoring | --- ### 2. Key Electrical Parameters The device is designed for stability and precision over a wide range of temperatures. * **Supply Voltage ($V_{cc}$):** Typically operates within a $3.3V$ to $5.0V$ range. * **Current Consumption:** Low power design, usually $< 5mA$ during active sensing. * **Sensitivity:** High sensitivity to small changes in "g" forces, making it ideal for structural health monitoring. * **Bandwidth:** Designed to filter out high-frequency noise while maintaining accuracy for low-frequency vibrations. --- ### 3. Core Electronic Components Inside the MAH22TAA-R, several subsystems work together: 1. **MEMS Transducer:** A micro-machined silicon structure that moves in response to acceleration, changing the capacitance between internal plates. 2. **ASIC (Application Specific Integrated Circuit):** Converts the tiny changes in capacitance into a measurable voltage signal. 3. **Signal Conditioning:** Includes low-pass filters to reduce aliasing and thermal compensation circuits to prevent drift as the environment gets hotter or colder. 4. **Buffer/Driver:** Ensures the output signal is strong enough to be read by an external Microcontroller (MCU) or Data Acquisition (DAQ) system. --- ### 4. Typical Applications * **Industrial:** Monitoring motor health and bearing wear via vibration signatures. * **Civil Engineering:** Measuring the sway or tilt of bridges and tall buildings. * **Security:** High-end alarm systems that detect drilling or forced entry through structural vibration. --- ### 5. Implementation Example (Microcontroller Interface) To read data from the MAH22TAA-R using an Arduino or ESP32, you would connect the analog output to an ADC pin. ```cpp // Basic code structure to read MAH22TAA-R Analog Output const int sensorPin = 34; // Analog input pin float sensorValue = 0; void setup() { Serial.begin(115200); } void loop() { sensorValue = analogRead(sensorPin); float voltage = (sensorValue * 3.3) / 4095.0; // Convert to Voltage Serial.println(voltage); delay(100); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact 'g' range (e.g.
    • ⤷ ±2g
    • ⤷ ±10g) for this specific model?
    • ⤷ Does the MAH22TAA-R require external temperature compensation for high-precision use?
    • ⤷ What is the recommended footprint for PCB soldering this module?