MAH22FCA-R
AI

The **MAH22FCA-R** is a high-performance **Brushless DC (BLDC) Motor Driver** specifically designed for 3-phase motor applications. It is commonly utilized in cooling systems, industrial fans, and precision automation where efficiency and compact size are required.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Motor Type** | 3-Phase Brushless DC (BLDC) |
| **Input Voltage Range** | 10V to 28V DC |
| **Maximum Current** | Up to 2.2A (Peak) |
| **Control Method** | Pulse Width Modulation (PWM) |
| **Sensor Type** | Sensorless or Hall Effect based (depending on configuration) |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Core Electronic Components & Functions
The MAH22FCA-R integrates several critical electronic sub-systems into a single module:
#### A. Integrated Power Bridge
The heart of the part is a **Triple Half-Bridge** (6 MOSFETs). These transistors switch the DC input into a 3-phase AC-like waveform to drive the motor windings. Because they are integrated, the "R" suffix often denotes reduced thermal resistance for better heat dissipation.
#### B. Control Logic & PWM Controller
The internal IC processes external signals (like a speed command) and translates them into high-frequency pulses.
* **PWM Speed Control:** Adjusts the duty cycle to vary the motor speed.
* **Soft Start Logic:** Gradually increases power to prevent high inrush current that could damage the power supply.
#### C. Protection Circuitry
The module includes built-in safety features to prevent electronic failure:
* **Over-Current Protection (OCP):** Shuts down the output if the motor stalls or draws too much power.
* **Locked Rotor Protection:** Detects if the motor is physically stuck and cuts power to prevent the coils from melting.
* **Thermal Shutdown:** Monitors the internal die temperature and disables the driver if it exceeds safety limits.
---
### 3. Pinout and Connectivity Example
While specific pin configurations can vary by package, the typical electronic interface for this driver includes:
```cpp
// Logic Level Interfacing (Example Logic)
VCC -> Positive Power Supply (e.g., 24V)
GND -> Common Ground
PWM/VSP -> Speed Control Input (0-5V or Frequency)
FG -> Frequency Generator (Tachometer output to monitor RPM)
U/V/W -> Three lines connected to the BLDC Motor Coils
```
---
### 4. Typical Applications
* **Server Cooling Fans:** High-reliability fans for data centers.
* **Air Purifiers:** Quiet, variable-speed BLDC motors.
* **Small Pumps:** Precision fluid movement in medical or industrial equipment.
- ⤷
What are the specific differences between the MAH22FCA-R and the standard MAH22FCA model?
- ⤷ How do you calculate the required heat sink size for this driver at maximum load?
- ⤷ Can this driver be used with 4-wire PWM PC fans?