MAH21TAX-R
AI

The **MAH21TAX-R** is an ultra-miniature, high-performance **Humidity and Temperature Sensor** module. It is widely utilized in consumer electronics, medical devices, and HVAC systems due to its small form factor and low power consumption.
---
## 1. Technical Specifications
Below are the core electronic characteristics of the MAH21TAX-R module:
| Parameter | Specification | Note |
| :--- | :--- | :--- |
| **Supply Voltage (Vcc)** | 2.1V to 3.6V | Ideal for battery-powered devices |
| **Output Type** | Digital I²C Interface | Standard serial communication |
| **Humidity Range** | 0% to 100% RH | Relative Humidity |
| **Temperature Range** | -40°C to +125°C | Industrial grade range |
| **Humidity Accuracy** | ±2.0% RH | Typically measured at 25°C |
| **Temperature Accuracy** | ±0.3°C | High precision sensing |
| **Power Consumption** | ~600 nA (Sleep) | Ultra-low standby current |
---
## 2. Key Internal Electronic Components
The device is a "System-on-Chip" (SoC) style sensor consisting of three primary blocks:
### A. Sensing Elements
* **Capacitive Humidity Sensor:** Uses a polymer dielectric layer that changes capacitance based on the amount of moisture absorbed from the air.
* **Bandgap Temperature Sensor:** A precision silicon-based sensor that provides accurate temperature readings.
### B. Signal Conditioning (ASIC)
* **ADC (Analog-to-Digital Converter):** Converts the raw analog signals from the sensors into high-resolution digital data.
* **Calibration Memory (OTP):** Contains factory-calibrated coefficients to ensure accuracy without requiring the user to calibrate the sensor manually.
### C. Interface Logic
* **I²C Controller:** Handles the communication protocol, addressing, and data transmission to the host microcontroller (MCU).
---
## 3. Typical Pin Configuration
The MAH21TAX-R usually features a small Surface Mount Device (SMD) package with 4 to 6 pins:
1. **VDD:** Power supply input.
2. **GND:** Ground.
3. **SCL:** I²C Serial Clock line (requires pull-up resistor).
4. **SDA:** I²C Serial Data line (requires pull-up resistor).
---
## 4. Implementation Example
To interface with the MAH21TAX-R using an Arduino or similar MCU, the circuit typically requires 10kΩ pull-up resistors on the I2C lines.
```cpp
// Pseudocode for reading MAH21TAX-R
#include
#define SENSOR_ADDR 0x40 // Example I2C Address
void setup() {
Wire.begin();
Serial.begin(9600);
}
void loop() {
Wire.beginTransmission(SENSOR_ADDR);
Wire.write(0xE3); // Command to measure temperature
Wire.endTransmission();
delay(50); // Wait for measurement
Wire.requestFrom(SENSOR_ADDR, 2);
if(Wire.available() <= 2) {
int data = (Wire.read() << 8) | Wire.read();
float temp = -46.85 + 175.72 * (data / 65536.0);
Serial.print("Temperature: ");
Serial.println(temp);
}
delay(1000);
}
```
- ⤷What are the specific pull-up resistor values recommended for the MAH21TAX-R I2C bus?
- ⤷ How does the capacitive sensing technology in this module differ from resistive sensors?
- ⤷ Is the MAH21TAX-R pin-compatible with the SHT2x or SHT3x series sensors?