công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MAH21FAX-R

  • AI
    The **MAH21FAX-R** is an **Active-Matrix Organic Light-Emitting Diode (AMOLED)** display module. It is commonly used in high-end consumer electronics, particularly wearable devices like smartwatches, due to its circular form factor and high energy efficiency. --- ## 🛠️ Technical Specifications | Feature | Specification | | :--- | :--- | | **Display Technology** | AMOLED (Active Matrix OLED) | | **Screen Shape** | Circular / Round | | **Resolution** | Typically 454 x 454 pixels | | **Interface** | MIPI DSI (4-lane or 2-lane) | | **Driver IC** | Often integrated (e.g., COF or COP packaging) | | **Luminance** | ~350 - 600 nits (Typical) | | **Touch Panel** | Integrated Capacitive Touch | --- ## ⚡ Electronic Components & Architecture The MAH21FAX-R consists of several critical electronic sub-systems that allow it to function: ### 1. The AMOLED Matrix Unlike LCDs, this module does not require a backlight. Each pixel is composed of organic light-emitting diodes. * **Anode/Cathode Layers:** Provide the electrical path to the organic material. * **TFT Layer (Thin Film Transistor):** A backplane (usually LTPS - Low-Temperature Polycrystalline Silicon) acts as the "switch" for every individual pixel, controlling brightness and color. ### 2. Driver IC (Integrated Circuit) The brain of the module. It translates the MIPI DSI signals from the device's main processor into voltage levels that drive the pixels. * **Functions:** Gamma correction, color management, and power sequencing. * **Always-On Display (AOD):** The IC supports low-power modes where only a fraction of pixels are lit. ### 3. FPC (Flexible Printed Circuit) The "ribbon cable" extending from the display. It contains: * **Passive Components:** Surface-mount capacitors and resistors for noise filtering and voltage stabilization. * **EMI Shielding:** To prevent interference with the device's cellular or Wi-Fi antennas. ### 4. Touch Controller Embedded within the module or on the FPC, this chip processes input from the capacitive touch layer, converting finger proximity into X/Y coordinates via the **I2C or SPI** protocol. --- ## 🔋 Power Management Requirements AMOLEDs require specific voltage rails to operate correctly: 1. **VDD/VCI:** Logic power (typically 1.8V). 2. **ELVDD & ELVSS:** The high-current power lines for the OLED pixels (typically +4.6V and -2.4V to -4.0V). 3. **VSP/VSN:** Power for the analog driving circuitry. --- ## 🌟 Key Advantages for Design * **High Contrast:** Since black pixels are completely "off," the contrast ratio is theoretically infinite. * **Thin Profile:** No backlight assembly means the part is extremely thin (<1.0mm). * **Flexibility:** The "R" in the suffix often denotes a design specific to rounded or ruggedized housing.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MIPI interface on this module?
    • ⤷ Which PMIC is recommended to drive the ELVDD/ELVSS voltages for MAH21FAX-R?
    • ⤷ Does this display support a hardware-level 'Always-On' mode for low power consumption?