công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MAH14TCA-R

  • AI
    ## Technical Overview: MAH14TCA-R (Tactile Switch) The **MAH14TCA-R** is an electronic component classified as a **Tactile Switch**. These are momentary push-button switches commonly used in low-power interface circuits to provide physical feedback to the user. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic and mechanical characteristics for this series: | Property | Specification | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Contact Current Rating** | 50mA (Typical) | | **Voltage Rating** | 12V DC | | **Operating Force** | 160gf to 250gf (varies by sub-model) | | **Actuator Style** | Round Button / Plunger | | **Illumination** | Non-Illuminated | | **Termination Style** | Gull Wing (J-Bend or Flat) | --- ### 2. Physical Construction The part number indicates a specific form factor often used in compact consumer electronics: * **Base Material:** High-temperature thermoplastic (to withstand SMT reflow soldering). * **Contact Material:** Usually silver-plated stainless steel or copper alloy to ensure low contact resistance. * **Packaging (-R):** The "R" suffix typically denotes **Tape & Reel** packaging, intended for automated pick-and-place assembly machines. --- ### 3. Electronic Functionality The MAH14TCA-R operates as a **SPST (Single Pole Single Throw) - Normally Open** switch. 1. **State 0 (Idle):** The circuit is open; no current flows. 2. **State 1 (Pressed):** The internal metal dome collapses, connecting two trace pads on the PCB. 3. **Feedback:** The collapse of the dome provides a "click" sound and tactile sensation. 4. **Release:** The dome springs back to its original shape, breaking the connection. --- ### 4. Typical Applications Due to its small footprint and SMT design, this part is found in: * **Handheld Devices:** Smartphones, remote controls, and digital cameras. * **Computer Peripherals:** Mouse buttons or reset switches. * **Industrial:** Control panels and membrane switch interfaces. * **Medical:** Portable diagnostic equipment. --- ### 5. Circuit Integration Example When integrating this switch into a microcontroller (MCU) circuit, a pull-up or pull-down resistor is required to prevent a "floating" state. ```cpp // Typical Arduino Logic for Tactile Switch const int switchPin = 2; void setup() { pinMode(switchPin, INPUT_PULLUP); // Uses internal resistor } void loop() { int buttonState = digitalRead(switchPin); if (buttonState == LOW) { // Switch is pressed (Closed) } } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions (mm) for the MAH14TCA-R?
    • ⤷ What is the expected mechanical life cycle (number of presses) for this switch?
    • ⤷ Does this model have a specific IP rating for dust or water resistance?