MAH14FAX-R
AI

Based on the part number **MAH14FAX-R**, this component is a high-performance **Brushless DC (BLDC) Fan** manufactured by **Nidec** (formerly Nidec Copal). It is specifically engineered for precision cooling in compact electronic devices.
Below is a detailed breakdown of its electronic and mechanical characteristics.
---
### 1. General Specifications
The MAH14FAX-R is categorized as a micro-axial fan. Its primary role is to provide active thermal management in space-constrained environments.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Nidec Corporation |
| **Motor Type** | Brushless DC (BLDC) |
| **Bearing Type** | FDB (Fluid Dynamic Bearing) or Sleeve (Model dependent) |
| **Frame Material** | Plastic (PBT, UL94V-0) |
| **Termination** | Wire Leads (typically 2-3 wires) |
---
### 2. Electrical Characteristics
The "14" and "F" designations in the part number typically refer to the voltage and speed class.
* **Operating Voltage:** Generally 5V DC (standard for micro-fans in portable electronics).
* **Current Consumption:** Low power draw (typically <0.1A) to preserve battery life in mobile applications.
* **Commutation:** Electronic commutation is handled by an internal IC, which eliminates the friction and electrical noise associated with carbon brushes.
---
### 3. Key Electronic Features
The **"R" suffix** usually denotes specific output features or RoHS compliance.
#### A. Protection Circuitry
* **Locked Rotor Protection:** The internal IC detects if the fan blades are obstructed. It automatically cuts or pulses the power to prevent the coils from overheating and burning out.
* **Polarity Protection:** Prevents damage if the positive and negative leads are accidentally reversed during installation.
#### B. Signal Outputs (Model Variant Dependent)
Depending on the specific wiring configuration, the electronic assembly may include:
1. **Tachometer (Frequency Generator):** A third wire (usually yellow or white) that outputs a square wave signal to the CPU to monitor RPM.
2. **Locked Rotor Alarm:** A signal that stays High or Low only when the fan stops spinning.
---
### 4. Dimensions and Form Factor
The MAH series is known for its "Ultra-Micro" size:
* **Size:** 14mm x 14mm.
* **Thickness:** Extremely thin (often 3mm to 5mm), making it suitable for VR headsets, tablets, and handheld medical devices.
---
### 5. Application Use Cases
Due to its tiny footprint and high reliability, the MAH14FAX-R is found in:
* **Wearable Technology:** Smart glasses and AR/VR kits.
* **Portable Projectors:** Cooling the LED light source.
* **Storage Devices:** High-speed M.2 SSD coolers.
* **IC Cooling:** Direct mounting on high-heat microprocessors.
- ⤷
What is the exact pinout for the MAH14FAX-R wire leads?
- ⤷ How does a Fluid Dynamic Bearing (FDB) compare to a Ball Bearing in these micro-fans?
- ⤷ What is the typical airflow rate (CFM) for a 14mm Nidec fan?