công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MAH13FCX-R

  • AI
    ### MAH13FCX-R: Overview and Specifications The **MAH13FCX-R** is a specific part number typically associated with **AC-DC Power Supply Units (PSUs)** or high-efficiency **Switch-Mode Power Supply (SMPS)** modules, often utilized in industrial or medical equipment. --- ### 1. Key Technical Specifications Based on the standard parameters for this series of modules, the electronic profile typically includes: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 90V – 264V AC (Universal Input) | | **Output Voltage** | Typically 12V or 13.5V DC | | **Cooling** | Convection Cooled (Fanless) | | **Efficiency** | > 85% | | **Mounting Type** | Chassis Mount / PCB Mount | | **Protection** | Short Circuit, Overvoltage, Overload | --- ### 2. Core Electronic Components The internal circuitry of the MAH13FCX-R consists of several critical stages: #### A. Input Filter & Rectification * **EMI/RFI Filtering:** Uses X and Y capacitors and common-mode chokes to prevent electromagnetic interference. * **Bridge Rectifier:** Converts AC input to high-voltage DC. #### B. Power Factor Correction (PFC) * Most models in this series include an active PFC stage to ensure a high power factor (often >0.95), reducing reactive power waste and complying with international standards like EN61000-3-2. #### C. DC-DC Conversion (Switching Stage) * **PWM Controller:** A Pulse Width Modulation IC regulates the switching frequency. * **MOSFETs:** High-speed transistors that "chop" the DC voltage into high-frequency pulses. * **Transformer:** Provides galvanic isolation and steps down the high-voltage pulses to the required output level. #### D. Secondary Rectification & Output Filter * **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into DC. * **Low ESR Electrolytic Capacitors:** Smooth the output ripples to provide a steady DC voltage. --- ### 3. Safety and Compliance Features Electronic parts in the MAH series are designed for high-reliability environments: * **Isolation Voltage:** Usually tested up to 3000V AC or higher. * **Leakage Current:** Low leakage profiles, often making them suitable for specialized instrumentation. * **RoHS Compliance:** The "-R" suffix usually denotes compliance with the **Restriction of Hazardous Substances** directive. --- ### 4. Typical Applications * **Industrial Automation:** Powering PLC controllers and sensors. * **Telecommunications:** Reliable DC source for networking hardware. * **Medical Devices:** Due to low noise and high isolation characteristics.
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum wattage rating for the MAH13FCX-R?
    • ⤷ Are there specific mounting footprints for this module?
    • ⤷ How does the 'FCX' designation differ from other models in the MAH series?