công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MAH13FCG-R

  • AI
    The **MAH13FCG-R** is a high-performance **Surface Mount Device (SMD) Power Inductor**, typically manufactured by companies like **Sumida** or similar specialty magnetic component producers. It belongs to a class of shielded power inductors designed for high-density power supply circuits. --- ## 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for the MAH13FCG series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD) | | **Inductance Range** | Typically 0.47µH to 10µH (Varies by specific sub-code) | | **Tolerance** | ±20% (M) or ±30% | | **Operating Temperature** | -40°C to +125°C (including self-heating) | | **Magnetic Shielding** | Ferrite core construction (Magnetic resin/Metal composite) | --- ## 2. Key Electronic Features ### A. Magnetic Shielding The "FCG" designation often indicates a **Magnetic Resin Shielded** structure. This design reduces Electromagnetic Interference (EMI), allowing the part to be placed close to sensitive components without causing signal noise. ### B. High Current Handling These inductors are engineered for high **Saturation Current ($I_{sat}$)**. This means the inductance remains stable even when high levels of DC current flow through the coil. ### C. Low DC Resistance (DCR) The internal copper windings are optimized to have very low resistance. This minimizes power loss (heat) and improves the overall efficiency of the voltage regulator. --- ## 3. Typical Applications The MAH13FCG-R is commonly found in the following electronic circuits: 1. **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) converters. 2. **Portable Electronics:** High-efficiency power modules for laptops, tablets, and smartphones. 3. **Automotive Infotainment:** Used in power filtering for car displays and audio systems due to its robust temperature range. 4. **LED Drivers:** Providing stable current for high-brightness LED arrays. --- ## 4. Mechanical Profile The "13" in the part number usually refers to the physical footprint (approximately **13mm x 13mm**), though dimensions can vary slightly by manufacturer. The "-R" suffix typically denotes that the part is provided on **Tape and Reel** for automated pick-and-place assembly. ```markdown # Pinout/Terminal Configuration - Terminal 1: Input (Start of Winding) - Terminal 2: Output (End of Winding) - Polarity: Non-polarized (though dot marks may indicate winding start for phase-sensitive circuits) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current (Isat) for the 1.0uH version of this part?
    • ⤷ How does magnetic resin shielding compare to traditional ferrite shielding?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of the MAH series?