AI

The **MAH13FAX-R** is a specialized high-voltage electronic component, typically categorized as a **High Voltage Diode (Rectifier)**. These parts are most commonly found in high-voltage power supply circuits, such as those used in microwave ovens, X-ray equipment, or laser power systems.
---
### 1. Key Technical Specifications
While specific datasheets can vary slightly by manufacturer (often produced by companies like **Gaoli** or **Fuji**), the general specifications for this series are as follows:
| Feature | Specification |
|:---|:---|
| **Component Type** | High Voltage Silicon Rectifier Diode |
| **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 13,000V (13kV) |
| **Average Forward Current ($I_{F(AV)}$)** | 350mA - 500mA (Typical) |
| **Forward Voltage Drop ($V_F$)** | ~10V to 14V (at rated current) |
| **Operating Temperature** | -40°C to +130°C |
| **Mounting Type** | Through-Hole (Axial Lead) |
---
### 2. Functional Characteristics
High voltage diodes like the MAH13FAX-R are distinct from standard signal diodes due to their construction:
* **Multi-Junction Stack:** To handle 13,000 volts, the device is internally constructed of several silicon diode chips stacked in series and encapsulated in a high-insulation epoxy resin.
* **Avalanche Protection:** These diodes are often designed with "avalanche characteristics," meaning they can withstand brief spikes in reverse voltage without immediate catastrophic failure.
* **Low Leakage:** They exhibit extremely low reverse leakage current to ensure efficiency and safety in high-tension environments.
---
### 3. Common Applications
This part is essentially a "workhorse" for rectifying AC to DC in high-voltage environments:
1. **Microwave Ovens:** Used in the doubling circuit to convert the transformer's AC output into high-voltage DC for the magnetron.
2. **Electrostatic Air Cleaners:** Providing the high-voltage DC needed to ionize dust particles.
3. **Medical Equipment:** Used in X-ray generators and high-voltage diagnostic tools.
4. **CRT Monitors:** Found in older television flyback transformer circuits.
---
### 4. Identification and Testing
When inspecting or replacing a MAH13FAX-R, keep the following in mind:
* **Testing with a Multimeter:** You **cannot** test this diode with a standard digital multimeter (DMM) "Diode Test" mode. Because the forward voltage drop ($V_F$) is over 10V and most DMMs only provide 2V–3V for testing, the diode will always appear as an "Open Circuit" (OL).
* **Polarity:** The cathode (negative side) is usually marked with a white or silver band.
* **Safety:** **WARNING:** This component deals with lethal voltages. Always ensure capacitors are discharged before handling circuits containing this diode.
- ⤷
How do you properly test a high voltage diode if a standard multimeter doesn't work?
- ⤷ What are the specific signs that a MAH13FAX-R diode has failed in a circuit?
- ⤷ Can a 12kV diode be used as a substitute for the 13kV MAH13FAX-R?