MAH12FBD-R
AI

## Overview of the MAH12FBD-R
The **MAH12FBD-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Power Inductor** or a **Magnetic Bead** depending on the specific series by manufacturers like Taiyo Yuden or similar specialty suppliers. It is designed for noise suppression and power management in compact electronic devices.
---
### 1. Technical Specifications
The part number follows a specific nomenclature. Below is a breakdown of its typical electronic characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Case Size** | 1210 (Metric 3225) |
| **Inductance / Impedance** | Varies by manufacturer (often 1.2µH or specific Ω at 100MHz) |
| **Current Rating (Isat/Irms)** | High current capability (range of 1.0A to 2.5A) |
| **DC Resistance (DCR)** | Low resistance to minimize power loss |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount Device (SMD) |
---
### 2. Key Electronic Features
* **Magnetic Shielding:** These components are usually magnetically shielded to prevent Electromagnetic Interference (EMI) from affecting surrounding circuits.
* **High Saturation Current:** Designed to maintain its inductive properties even when high levels of direct current (DC) pass through it.
* **Multilayer Structure:** Often utilizes a ferrite multilayer process which allows for a smaller footprint while maintaining high performance.
---
### 3. Application Areas
The MAH12FBD-R is commonly integrated into the following circuits:
1. **DC-DC Converters:** Used as a power inductor to store energy and filter output ripple.
2. **Noise Filtering:** Acts as a low-pass filter in power lines for smartphones, tablets, and laptops.
3. **EMI Suppression:** Prevents high-frequency noise from escaping the power supply unit and interfering with wireless signals (Wi-Fi/Bluetooth).
---
### 4. Comparison Table: Inductor vs. Bead (Contextual)
| Feature | Power Inductor Version | Magnetic Bead Version |
| :--- | :--- | :--- |
| **Primary Goal** | Energy Storage | Noise Dissipation (Heat) |
| **Q-Factor** | High | Low |
| **Circuit Position** | Switching regulators | Power supply rails / Ground |
---
- ⤷
What is the exact inductance value for the MAH12FBD-R version you are using?
- ⤷ Are you looking for a direct cross-reference or replacement for this part?
- ⤷ In what specific device or circuit is this component currently installed?