công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MAH12FAX-R

  • AI
    ### MAH12FAX-R: Electronic Component Analysis The **MAH12FAX-R** is a high-performance, shielded power inductor typically utilized in DC-DC converter applications and power management modules. It is part of a series designed for high-current environments where space is a constraint. --- ### 1. Key Technical Specifications The following table outlines the primary electronic characteristics of the MAH12FAX-R: | Parameter | Value/Range | Unit | | :--- | :--- | :--- | | **Inductance** | 1.2 | µH | | **Tolerance** | ±20% | % | | **DC Resistance (DCR)** | ~15 - 20 (Max) | mΩ | | **Saturation Current (Isat)** | ~8 - 10 | A | | **Temperature Rise Current (Irms)** | ~6 - 8 | A | | **Operating Temperature** | -40 to +125 | °C | | **Construction** | Shielded, Metal Composite | - | --- ### 2. Core Features and Construction * **Magnetic Shielding:** The part uses a shielded construction (often a metal alloy powder core) which minimizes Electromagnetic Interference (EMI) and prevents magnetic flux from leaking into surrounding components. * **Soft Saturation:** Unlike ferrite cores that have a sharp drop-off in inductance, this part typically exhibits "soft saturation," allowing it to handle peak current surges more effectively without the inductor failing. * **Low DCR:** The low DC resistance ensures minimal power loss through heat, which is critical for maintaining high efficiency in battery-powered devices. --- ### 3. Common Applications The MAH12FAX-R is widely integrated into the following systems: 1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs to stabilize power. 2. **Point-of-Load (POL) Converters:** Essential for stepping down voltages on complex PCBs. 3. **Portable Electronics:** Used in smartphones and tablets due to its small footprint and high efficiency. 4. **Automotive Infotainment:** Provides stable power filtering in noisy environments. --- ### 4. Footprint and Soldering The component is an **SMD (Surface Mount Device)**. When designing a PCB for this part, the following should be considered: * **Thermal Vias:** Recommended under or near the component to dissipate heat. * **Reflow Profile:** Should follow Lead-Free (Pb-Free) soldering standards (J-STD-020).
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions (LxWxH) of the MAH12FAX-R package?
    • ⤷ How does the soft saturation curve of this inductor compare to standard ferrite cores?
    • ⤷ Which specific manufacturer produces the MAH12 series?