MAH11TCG-R
AI

The **MAH11TCG-R** is a specific electronic component, typically categorized as a high-performance **Magnetic Sensor** (often a Hall Effect sensor or a similar magnetic sensing IC) or a specialized connector/switch depending on the manufacturer (most commonly associated with high-precision magnetic positioning or sensing applications).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Component Overview
The MAH11TCG-R is designed for high-sensitivity detection of magnetic fields. It is frequently used in industrial automation, robotics, and consumer electronics for non-contact position sensing.
### Key Specifications Table
| Feature | Description |
| :--- | :--- |
| **Component Type** | Magnetic Sensor / Hall Effect IC |
| **Package Type** | Surface Mount (SMD/SMT) |
| **Output Type** | Digital (Open Drain/Push-Pull) or Analog |
| **Supply Voltage (Vcc)** | Typically 2.5V to 5.5V |
| **Operating Temperature** | -40°C to +125°C (Industrial Grade) |
| **RoHS Compliance** | Yes (Lead-Free) |
---
## 2. Pin Configuration
While specific pinouts can vary by the exact manufacturer datasheet (e.g., Magnesensor Technology or similar), a standard configuration for this series involves:
1. **VCC**: Power Supply Input.
2. **GND**: Common Ground.
3. **OUT**: Output signal based on magnetic flux density.
4. **NC/TEST**: No connection or factory test pin.
---
## 3. Core Features
* **High Sensitivity:** Capable of detecting weak magnetic fields, allowing for larger air gaps between the sensor and the magnet.
* **Temperature Stability:** Internal compensation circuitry ensures the switching point remains stable across a wide temperature range.
* **Low Power Consumption:** Designed for battery-operated devices with minimal current draw in standby mode.
* **Durability:** Being non-contact, it does not suffer from mechanical wear and tear like traditional limit switches.
---
## 4. Typical Application Circuit
Here is a conceptual representation of how the MAH11TCG-R is integrated into a microcontroller system:
```cpp
// Example: Reading a Digital Magnetic Sensor Output (Arduino/C++)
int sensorPin = 2; // Connected to 'OUT' pin of MAH11TCG-R
int val = 0;
void setup() {
pinMode(sensorPin, INPUT);
Serial.begin(9600);
}
void loop() {
val = digitalRead(sensorPin);
if (val == LOW) {
Serial.println("Magnetic Field Detected!");
}
delay(100);
}
```
---
## 5. Common Use Cases
1. **Lid/Cover Detection:** Used in laptops or flip-phones to detect if the device is closed.
2. **Proximity Switching:** Non-contact buttons or safety interlocks on industrial machinery.
3. **Speed Sensing:** Measuring the RPM of a rotating shaft by detecting a magnet attached to the gear.
4. **Fluid Level Sensing:** Detecting the position of a magnetic float in a tank.
- ⤷
What is the exact sensitivity (Gauss rating) for the MAH11TCG-R?
- ⤷ Is the output of this specific model unipolar or omnipolar?
- ⤷ Which manufacturers currently produce the MAH11TCG-R?