công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MAF94271

  • AI
    The **MAF94271** is a high-performance internal antenna manufactured by **Laird Connectivity** (now part of Ezurio). It is specifically designed for integration into small-form-factor devices requiring wireless connectivity. --- ## 1. Technical Specifications The MAF94271 belongs to the **NanoAnt** series. It is a dual-band antenna, making it ideal for modern Wi-Fi applications. | Feature | Specification | | :--- | :--- | | **Type** | Internal Embedded Printed Circuit Board (PCB) Antenna | | **Frequency Range** | 2.4 GHz to 2.5 GHz & 4.9 GHz to 5.875 GHz | | **Gain (2.4 GHz)** | 2.0 dBi | | **Gain (5 GHz)** | 2.5 dBi | | **Impedance** | 50 Ohms | | **Polarization** | Linear, Vertical | | **Connector Type** | IPEX MHF (U.FL compatible) | | **Cable Type** | 1.13mm Micro-Coaxial | --- ## 2. Key Electronic Components & Design The antenna is more than just a wire; it is a carefully engineered RF (Radio Frequency) component. ### PCB Radiating Element The core of the MAF94271 is a small, rigid PCB. The copper traces on this board are etched in a specific geometric pattern (often a meandered line or fractal design) to allow the antenna to resonate at two distinct frequency bands simultaneously. ### Coaxial Feedline The part includes a thin **1.13mm diameter coaxial cable**. This cable is shielded to prevent RF interference from leaking out or being absorbed by internal electronics before reaching the radiating element. ### IPEX MHF Connector The "electronic interface" to the main PCB of the device is the **IPEX MHF connector**. This is a snap-on sub-miniature connector that provides a secure, low-loss connection to the Wi-Fi/Bluetooth module. --- ## 3. Applications and Usage Because of its small size and dual-band capability, the MAF94271 is found in: * **IoT Gateways:** Connecting sensors to the cloud. * **Medical Devices:** Handheld monitors requiring Wi-Fi. * **Consumer Electronics:** Small tablets or specialized streaming devices. * **Industrial Terminals:** Ruggedized handheld scanners. --- ## 4. Integration Considerations When incorporating the MAF94271 into an electronic design, engineers must follow specific rules: 1. **Ground Plane Clearance:** The antenna must be placed away from large metal objects and ground planes to maintain its radiation pattern. 2. **Cable Routing:** The micro-coaxial cable should not be pinched or placed directly over high-speed digital processors to avoid noise. 3. **Adhesive Mounting:** It typically features a pressure-sensitive adhesive (PSA) backing for secure attachment to the inside of a plastic enclosure.
    ✨ Follow-up Questions
    • ⤷ What is the difference between dBi and dBd in antenna gain?
    • ⤷ How does the placement of an internal antenna affect signal range?
    • ⤷ Are there alternative connectors to the IPEX MHF for this antenna?