công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MAC97A8-T92-R

  • AI
    ### MAC97A8-T92-R: Technical Overview The **MAC97A8-T92-R** is a low-power, logic-level **Triac** (Triode for Alternating Current). It is designed for general-purpose AC switching and phase-control applications where space is limited and gate sensitivity is critical. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the MAC97A8. | Parameter | Symbol | Value | Unit | |:---|:---:|:---:|:---:| | **Repetitive Peak Off-State Voltage** | $V_{DRM}$ | 600 | Volts | | **RMS On-State Current** | $I_{T(RMS)}$ | 0.6 to 0.8 | Amps | | **Gate Trigger Current** | $I_{GT}$ | $\le$ 5 to 7 | mA | | **Peak Gate Power** | $P_{GM}$ | 5.0 | Watts | | **Operating Junction Temperature** | $T_j$ | -40 to +125 | °C | --- ### 2. Physical Package (TO-92) The **"T92"** in the part number refers to the **TO-92** package, which is a common plastic package for small transistors and thyristors. * **Pinout Configuration:** 1. **MT1** (Main Terminal 1) 2. **Gate** (Trigger) 3. **MT2** (Main Terminal 2) --- ### 3. Part Number Breakdown Understanding the suffix codes: * **MAC97A8:** The base model number. "A8" usually denotes the 600V voltage rating. * **T92:** Indicates the **TO-92** through-hole package. * **R:** Generally indicates **Tape & Reel** or **Ammo Pack** packaging for automated assembly (vs. bulk). --- ### 4. Features and Applications #### Features * **High Sensitivity:** Can be triggered directly by microcontrollers, logic ICs, or low-power sensors. * **Four-Quadrant Gating:** Can be triggered in all four quadrants (positive/negative gate current and voltage). * **Cost-Effective:** Small footprint and low cost for mass-produced electronics. #### Typical Applications * **Light Dimmers:** Controlling small incandescent or LED lamps. * **Fan Speed Controllers:** Small AC motor regulation. * **Solenoid Drivers:** Actuating valves in appliances. * **Home Appliances:** Control circuits for washing machines, dishwashers, and microwave ovens. --- ### 5. Schematic Symbol Representation ```text MT2 | /---\ / | \ G ---| | | \ | / \---/ | MT1 ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum gate trigger current (Igt) for the MAC97A8?
    • ⤷ Can this Triac be controlled directly by a 3.3V or 5V microcontroller?
    • ⤷ What is the difference between the MAC97A6 and MAC97A8 models?