công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MA72FAG-R

  • AI
    The **MA72FAG-R** is a specific electronic component typically identified as a **High-Frequency Coaxial Switch** or an **Electromechanical Relay** used in RF (Radio Frequency) applications. These parts are commonly manufactured by companies like **Panasonic** (specifically in their microwave relay series). Below is a detailed breakdown of its specifications and functions. ### 1. General Specifications The "MA" series generally refers to ultra-miniature surface-mount (SMD) high-frequency relays designed for high-speed signal switching. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Electromechanical RF Relay | | **Frequency Range** | DC to 8 GHz (Typical) | | **Impedance** | 50 Ohms (Standard) | | **Contact Arrangement** | SPDT (1 Form C) | | **Mounting Type** | Surface Mount Device (SMD) | | **Coil Voltage** | Typically 4.5V to 12V DC (depending on specific sub-code) | --- ### 2. Key Internal Electronic Parts The performance of the MA72FAG-R is defined by several internal mechanisms: * **Actuator Coil:** A precision copper coil that creates a magnetic field to move the internal contacts. * **Gold-Plated Contacts:** Used to ensure low insertion loss and high reliability over millions of cycles. * **Sealed Housing:** The unit is hermetically or semi-sealed to prevent dust and oxidation from affecting high-frequency signal integrity. * **Shielding:** Internal metal shielding minimizes "Crosstalk" (signal leaking between ports) and ensures high isolation. --- ### 3. Performance Characteristics When evaluating this part for a circuit, engineers look at three primary RF metrics: 1. **Insertion Loss:** How much signal power is lost as it passes through the switch. For this series, it is usually < 1.0 dB at 8 GHz. 2. **Isolation:** How well the "OFF" port is disconnected from the signal. This part typically maintains > 30 dB isolation at high frequencies. 3. **V.S.W.R (Voltage Standing Wave Ratio):** Measures signal reflection. A lower VSWR (e.g., < 1.5) indicates better impedance matching. --- ### 4. Typical Applications The MA72FAG-R is found in precision communication hardware: * **Wireless Infrastructure:** Base stations and small cell signal routing. * **Test and Measurement:** Oscilloscopes and automated test equipment (ATE) switching matrices. * **Medical Electronics:** MRI and ultrasound high-frequency signal paths. * **Broadcasting:** Video signal routing and distribution. --- ### 5. Identification Logic (Part Numbering) While prefixes vary by manufacturer, the suffix **-R** usually denotes **Tape and Reel packaging**, indicating the part is intended for automated SMT (Surface Mount Technology) assembly lines.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage rating for the MA72FAG-R variant?
    • ⤷ How does this relay compare to solid-state RF switches in terms of power handling?
    • ⤷ What are the recommended soldering profiles for this SMD component?