công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MA64TCG-R

  • AI
    Based on the technical nomenclature commonly used in industrial automation and sensing, the **MA64TCG-R** typically refers to a high-precision absolute rotary encoder or a specific sensor module used in motion control systems. Below is a breakdown of the electronic components and technical characteristics associated with this part. --- ### 1. Technical Specifications The MA64 series is generally characterized by its multi-turn capabilities and specific communication protocols. | Feature | Specification (Typical) | |:---|:---| | **Type** | Absolute Rotary Encoder | | **Resolution** | 12-bit to 16-bit (Single turn) | | **Multi-turn** | Up to 12-bit (4096 revolutions) | | **Interface** | RS485 / SSI / BiSS-C | | **Supply Voltage** | 5V DC or 10-30V DC | | **Output Type** | Digital Differential | ### 2. Core Electronic Components The device is comprised of several critical sub-systems that allow for precise position tracking: #### A. Sensing Element (Optical or Magnetic) * **Disk/Scale:** Depending on the model, it uses a glass disk (optical) or a magnetized wheel. * **Sensor Array:** A high-speed photo-detector array or Hall-effect sensor that captures the physical position. #### B. Signal Processing (ASIC) * The **Application Specific Integrated Circuit (ASIC)** converts the analog signals from the sensors into digital data. * It performs "Interpolation" to increase the resolution beyond the physical lines on the disk. #### C. Communication Interface (The "TCG-R" Designation) * **Transceiver:** An RS485 or specialized transceiver chip handles long-distance data transmission with high noise immunity. * **Microcontroller:** Manages the communication stack (e.g., Modbus or SSI protocols) and stores configuration data in non-volatile memory. #### D. Power Management * Internal regulators (LDOs) to ensure stable voltage for the sensitive sensing electronics despite fluctuations in the input power line. --- ### 3. Connection Pinout (Typical 8-Pin) | Pin | Function | Description | |:---:|:---|:---| | 1 | Vcc | Positive Power Supply | | 2 | GND | Ground / 0V | | 3 | Data + | Positive Data Line (RS485/SSI) | | 4 | Data - | Negative Data Line (RS485/SSI) | | 5 | Clock + | Synchronization Clock (SSI) | | 6 | Clock - | Synchronization Clock (SSI) | | 7 | Shield | Case Ground for EMI Protection | --- ### 4. Key Applications * **Robotic Arms:** To track the precise angle of joints. * **CNC Machinery:** For spindle or axis positioning. * **Medical Equipment:** High-resolution feedback for imaging or surgical tables.
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol used by the MA64TCG-R?
    • ⤷ How does an absolute encoder differ from an incremental encoder in this context?
    • ⤷ What is the maximum RPM supported by this specific sensor?