công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MA64TCA-R

  • AI
    The **MA64TCA-R** is a specific model of an **Addressable Manual Call Point**, typically used in fire alarm systems. These devices allow a person to manually trigger a fire alarm by breaking a glass element or pressing a plastic resettable element. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Key Electronic Features The "Addressable" nature of the MA64TCA-R means it contains a built-in microprocessor that communicates uniquely with a Fire Alarm Control Panel (FACP). | Component | Description | | :--- | :--- | | **Microcontroller (MCU)** | Handles the digital communication protocol and monitors the switch status. | | **Address Switches** | Usually features rotary or DIP switches to set a unique ID (001-254) for the device on the loop. | | **LED Indicator** | A bicolor LED (typically Red/Green) that indicates polling (flickering) or alarm state (steady red). | | **Loop Powered** | The device draws current directly from the signaling line circuit (SLC), requiring no external power. | | **Built-in Isolator** | Often includes a short-circuit isolator to protect the loop if a wiring fault occurs. | --- ### 2. Technical Specifications The electronics are designed to operate under the specific voltage and current parameters of the fire alarm loop. | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage** | 17V to 30V DC | | **Standby Current** | < 500 µA (low power consumption) | | **Alarm Current** | ~2mA to 5mA (LED active) | | **Protocol** | Manufacturer-specific (e.g., Menvier/Cooper/Eaton protocol) | | **Terminal Connections** | Screw terminals for Loop In (+) (-) and Loop Out (+) (-) | --- ### 3. Circuit Operation The electronic circuit operates in three primary modes: 1. **Quiescent (Standby):** The MCU waits for a "poll" signal from the control panel. It consumes minimal power. 2. **Polling:** When the panel requests data, the device responds with its address and status (Normal). 3. **Alarm Trigger:** When the internal switch is closed (glass broken), the MCU immediately sends an interrupt or a high-priority status change to the panel to trigger the building-wide alarm. --- ### 4. Wiring Diagram Concept The device is integrated into a 2-wire loop system. ```text Control Panel (+) ---------------- (L1 In) [ CALL POINT ] (L1 Out) ---------------- Next Device (+) Control Panel (-) ---------------- (L2 In) [ CIRCUIT ] (L2 Out) ---------------- Next Device (-) ``` ---
    ✨ Follow-up Questions
    • ⤷ How do you set the address on an MA64TCA-R call point?
    • ⤷ Is the MA64TCA-R compatible with all fire alarm control panels?
    • ⤷ Does this model feature a built-in short circuit isolator?