công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MA64TAD-R

  • AI
    The **MA64TAD-R** is a specific model of a **Brushless DC (BLDC) Motor**, typically used in cooling fans or precision motion control applications. Below is a detailed breakdown of its electronic and mechanical components. --- ## 1. Core Specifications The MA64TAD-R belongs to a category of high-efficiency, long-life fans. Here are the typical parameters: | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Voltage** | Usually 12V or 24V DC (Model dependent) | | **Bearing Type** | Dual Ball Bearing or Fluid Dynamic Bearing | | **Control Signal** | PWM (Pulse Width Modulation) for speed control | | **Output Signal** | Tachometer (FG Signal) for RPM monitoring | --- ## 2. Key Electronic Components The internal PCB of the MA64TAD-R contains several critical electronic parts that manage its operation: ### A. The Commutation IC (The "Brain") Since BLDC motors do not have brushes, an integrated circuit (IC) is used to switch the current between the stator windings. * **Function:** It senses the rotor position and energizes the correct coil. * **Protection:** Usually includes "Locked Rotor Protection," which cuts power if the fan is physically obstructed to prevent the coils from burning out. ### B. Hall Effect Sensor * **Purpose:** This tiny semiconductor detects the magnetic field of the permanent magnet rotor. * **Operation:** It sends signals back to the Commutation IC to synchronize the timing of the electrical pulses. ### C. Stator Windings * **Material:** High-purity copper wire. * **Structure:** Multiple poles (usually 4 or 8) arranged in a circular pattern. The electronic pulses create a rotating magnetic field that pulls the rotor. ### D. Integrated Protection Circuitry The "R" suffix in the model name often denotes specific electrical protections: * **Reverse Polarity Protection:** A diode prevents damage if the positive and negative wires are swapped. * **Soft Start:** Gradually increases current to prevent a massive power spike during startup. --- ## 3. Wiring and Interface The MA64TAD-R usually features a 3-wire or 4-wire interface: | Wire Color (Standard) | Label | Description | | :--- | :--- | :--- | | **Black** | GND | Ground / Negative terminal | | **Red** | VCC | Power supply (+12V/24V) | | **Yellow/White** | FG | Frequency Generator (Tachometer signal) | | **Blue** | PWM | Control signal to adjust fan speed | --- ## 4. Maintenance and Use Cases Because it uses electronic commutation rather than mechanical brushes, the MA64TAD-R is characterized by: 1. **High Reliability:** No brush wear means a lifespan often exceeding 50,000 hours. 2. **Low EMI:** Minimal electromagnetic interference compared to brushed motors. 3. **Applications:** Servers, industrial power supplies, and telecommunications equipment.
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage requirement for the MA64TAD-R?
    • ⤷ How do I interpret the 'FG' signal on an oscilloscope?
    • ⤷ Does this model support thermal speed control?