công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MA64FBD-R

  • AI
    The **MA64FBD-R** is an electronic component manufactured by **Macronix**. It is a specialized memory module, specifically a **Mask ROM** (Read-Only Memory) chip, typically used in consumer electronics, gaming cartridges, and industrial embedded systems. Below is a breakdown of its technical specifications and characteristics. ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Manufacturer** | Macronix (MXIC) | | **Part Series** | MA64 Series | | **Memory Capacity** | 64 Megabits (64Mb) | | **Memory Type** | Mask Programmable ROM | | **Package Type** | SOP / TSOP / QFP (Depending on specific suffix) | | **Operating Voltage** | Typically 3.0V to 3.6V (Low voltage) | --- ### 2. Key Electronic Characteristics #### A. Memory Architecture The "64" in the part number indicates a density of **64Mb**. Depending on the internal configuration, it is usually organized as: * **4M x 16-bit** (Word mode) * **8M x 8-bit** (Byte mode) #### B. Mask ROM Technology Unlike Flash memory or EPROM, a Mask ROM is programmed during the wafer fabrication process. * **Non-Volatile:** Data is permanently etched into the silicon. * **Cost-Efficiency:** It is significantly cheaper than Flash for high-volume production. * **Read-Only:** The data cannot be erased or rewritten by the end-user or the system. #### C. Performance and Interface * **Access Time:** Typically ranges between **70ns to 100ns**, providing fast random access for executing code directly from memory (Execute-in-Place). * **Interface:** Parallel interface with standard Address, Data, and Control lines (CE#, OE#, WE#). --- ### 3. Pinout & Signal Description While specific pinouts vary by package, the standard electronic signals include: | Signal | Function | Description | | :--- | :--- | :--- | | **A0 - A21** | Address Inputs | Selects the specific memory location. | | **Q0 - Q15** | Data Outputs | Outputs the stored data to the bus. | | **CE#** | Chip Enable | Activates the chip when low. | | **OE#** | Output Enable | Controls the output buffers. | | **BYTE#** | Byte/Word Select | Switches between 8-bit and 16-bit modes. | | **VCC/VSS** | Power/Ground | Power supply (typically 3.3V). | --- ### 4. Common Applications Due to its reliability and permanent data storage, the MA64FBD-R is commonly found in: 1. **Video Game Cartridges:** Used extensively by companies like Nintendo for handheld and console games. 2. **Firmware Storage:** Storing BIOS or fixed OS code for industrial machines. 3. **Electronic Dictionaries/Toys:** Pre-loaded content that never needs updating. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this Mask ROM and a standard Flash memory chip?
    • ⤷ Can the MA64FBD-R be reprogrammed if the data needs to be updated?
    • ⤷ What is the physical footprint or package dimensions for the 'FBD' variant?