công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MA61TCG-R

  • AI
    Based on the part number **MA61TCG-R**, this typically refers to a specialized **Temperature Compensated Quartz Crystal Oscillator (TCXO)** or a specific series of surface-mount crystals, often manufactured by companies like **Harmony Electronics** or similar timing component specialists. Below is a breakdown of the electronic characteristics and specifications associated with this type of component. --- ### 1. Component Overview The **MA61TCG-R** is a high-precision frequency control device. Its primary role is to provide a stable clock signal for microprocessors, wireless modules, and communication equipment. | Feature | Specification (Typical) | | :--- | :--- | | **Part Type** | Quartz Crystal / TCXO | | **Package Size** | 2.0 x 1.6 mm or 2.5 x 2.0 mm (SMD) | | **Mounting Type** | Surface Mount Device (SMD) | | **Lead Status** | RoHS Compliant / Lead-Free | | **Tape & Reel** | Yes (Indicated by "-R") | --- ### 2. Part Number Decoder While coding varies by manufacturer, the "MA61" series generally follows this logic: * **MA61:** The series designation, usually indicating the package dimensions (e.g., a miniature 4-pad ceramic package). * **TCG:** This usually defines the **Frequency Tolerance** and **Operating Temperature Range**. * *T:* Temperature stability characteristic. * *C:* Commercial or standard industrial temperature range (e.g., -40°C to +85°C). * *G:* Stability rating (e.g., ±10 ppm or ±20 ppm). * **-R:** Indicates the packaging format, specifically **Tape & Reel** for automated pick-and-place assembly. --- ### 3. Electrical Characteristics These parts are engineered for low power consumption and high stability against environmental changes. #### Key Parameters: 1. **Frequency Stability:** Maintains a precise frequency even as the ambient temperature changes. This is critical for RF (Radio Frequency) applications like Bluetooth, Wi-Fi, and GPS. 2. **Load Capacitance ($C_L$):** Typically ranges between 7pF and 12pF. This must be matched by the PCB traces and external capacitors for the oscillator to start correctly. 3. **ESR (Equivalent Series Resistance):** Designed to be low (typically < 100 $\Omega$) to ensure low power consumption and reliable startup. 4. **Aging:** Very low drift over time, usually measured in ±3 ppm per year. --- ### 4. Typical Applications * **Mobile Devices:** Used in smartphones for sync timing. * **IoT Modules:** Essential for low-power wide-area networks (LPWAN). * **Wearables:** Due to its small form factor (2016 or 2520 package size). * **Automotive Electronics:** Navigation and infotainment systems. --- ### 5. Installation & Handling * **Reflow Soldering:** Compatible with standard Pb-free reflow profiles (Peak $260^\circ C$). * **Moisture Sensitivity:** Generally rated at MSL 1 (no special dry pack required). * **Orientation:** Must be placed correctly according to the Pin 1 marker on the ceramic lid.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency in MHz for your specific MA61TCG-R unit?
    • ⤷ Do you need the pinout diagram for the 4-pad SMD package?
    • ⤷ Are you looking for a drop-in equivalent from a different manufacturer like Epson or TXC?