công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MA2HFBG-R

  • AI
    The **MA2HFBG-R** is a high-performance Schottky Barrier Diode manufactured by **Murata** (specifically under the Murata/Toko division). It is designed primarily for high-frequency rectification and switching applications in mobile devices. --- ### 1. Key Technical Specifications The following table highlights the critical electrical characteristics of the MA2HFBG-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Reverse Voltage ($V_R$)** | 30V | Maximum allowable voltage in reverse bias. | | **Forward Current ($I_F$)** | 200mA | Maximum continuous forward current. | | **Forward Voltage ($V_F$)** | 0.45V (at 10mA) | Low voltage drop for high efficiency. | | **Terminal Capacitance ($C_t$)** | 5.0pF (at 10V) | Low capacitance for high-speed switching. | | **Package Type** | 0603 (Metric 1608) | Ultra-small surface mount footprint. | | **Operating Temp** | -40°C to +125°C | Standard industrial temperature range. | --- ### 2. Core Features * **Low Forward Voltage:** The Schottky barrier technology ensures a very low $V_F$, which reduces power loss and heat generation. * **High-Speed Switching:** Because it is a Schottky diode, it has nearly zero reverse recovery time ($t_{rr}$), making it ideal for high-frequency circuits. * **Compact Form Factor:** The "0603" size is optimized for high-density circuit boards found in smartphones and wearable technology. * **Lead-Free/RoHS Compliant:** Meets environmental safety standards for modern electronics manufacturing. --- ### 3. Typical Applications The MA2HFBG-R is versatile but most commonly used in the following scenarios: 1. **DC-DC Converters:** Used for rectification in small power supply modules. 2. **Signal Detection:** High-speed switching allows for RF signal detection and demodulation. 3. **Reverse Polarity Protection:** Protecting sensitive low-power components from accidental battery reversal. 4. **Clamping Circuits:** Used to limit voltage spikes in high-speed data lines. --- ### 4. Circuit Symbol and Orientation In a schematic, this part is represented by the standard Schottky Diode symbol. When soldering, the **cathode** is typically marked with a bar or notch on the package to ensure correct polarity. ```mermaid graph LR A[Anode +] ---|>|--- B[Cathode -] ```
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or alternatives to the MA2HFBG-R from other manufacturers?
    • ⤷ How does the low terminal capacitance specifically benefit RF signal detection?
    • ⤷ What is the maximum power dissipation (Pd) for this specific diode package?