MA24FCA-R
AI

## Overview of the MA24FCA-R
The **MA24FCA-R** is a specialized high-speed, high-density connector, typically part of a floating board-to-board connector system. These components are designed to facilitate secure electrical connections between two Printed Circuit Boards (PCBs) while compensating for alignment errors during assembly.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the MA24 series:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | Board-to-Board (Floating Type) |
| **Pitch** | 0.4 mm or 0.5 mm (Series dependent) |
| **Contact Material** | Copper Alloy |
| **Plating** | Gold (Au) over Nickel (Ni) |
| **Current Rating** | 0.5A per contact |
| **Voltage Rating** | 50V AC/DC |
| **Operating Temp** | -55°C to +105°C |
---
### 2. Functional Electronic Features
#### A. Floating Mechanism
The "F" in the part number often denotes the **Floating** capability. This means the internal contacts can move slightly in the X and Y directions (typically ±0.4mm to ±0.6mm).
* **Benefit:** Absorbs mounting misalignments and reduces stress on solder joints caused by vibration or thermal expansion.
#### B. High-Speed Transmission
The internal geometry of the pins is optimized for signal integrity. These connectors are commonly rated for high-speed protocols such as:
* PCIe Gen 3/4
* MIPI (Mobile Industry Processor Interface)
* SATA / USB 3.0 compatible speeds.
#### C. Shielding and Grounding
The MA24FCA-R usually includes integrated metal shells or grounding plates to minimize **EMI (Electromagnetic Interference)** and **Crosstalk**, which is critical for dense electronic environments like automotive infotainment or telecommunications.
---
### 3. Typical Applications
Because of its robust floating structure and small footprint, the MA24FCA-R is used in:
1. **Automotive Electronics:** Navigation systems, ADAS sensors, and head units where vibration resistance is mandatory.
2. **Industrial Automation:** PLCs and robotic controllers.
3. **Consumer Electronics:** High-end laptops or cameras where internal boards are stacked.
---
### 4. Mounting & Physical Configuration
* **SMT (Surface Mount Technology):** The part is designed for automated pick-and-place assembly with solder pads on the bottom.
* **Polarization:** The housing is keyed to prevent incorrect insertion (reverse mating).
* **Click-Feel:** Provides tactile feedback to the assembly operator ensuring the connection is fully seated.
- ⤷
What is the exact X and Y floating tolerance for this specific model?
- ⤷ Is the MA24FCA-R compatible with lead-free reflow soldering processes?
- ⤷ Does this connector support high-voltage power delivery or is it strictly for signals?