MA22TAA-R
AI

The **MA22TAA-R** is a specific electronic component typically identified as an **Electromechanical AC Hour Meter** or a **Time Indicator**, often manufactured by companies like **Trumeter** or similar industrial timing specialists.
---
## 1. Core Specifications
The "MA22" series is designed for monitoring the runtime of electrical equipment to facilitate maintenance scheduling and usage tracking.
| Parameter | Typical Specification |
| :--- | :--- |
| **Voltage Range** | 230V AC (Standard) |
| **Frequency** | 50Hz or 60Hz (Model dependent) |
| **Display Type** | 7-Digit Mechanical Counter |
| **Maximum Reading** | 99,999.99 Hours |
| **Mounting Style** | Panel Mount (Circular or Rectangular with adapters) |
| **Reset Capability** | Non-resettable (for tamper-proof logging) |
---
## 2. Component Breakdown
The device consists of several internal electronic and mechanical parts working in tandem:
### A. Synchronous Motor
The heart of the device. It utilizes the frequency of the AC mains (50/60Hz) to rotate at a highly precise, constant speed. Because AC frequency is strictly regulated by power grids, it acts as a reliable "clock."
### B. Gear Train
A series of high-precision plastic or metal gears reduce the high-speed rotation of the motor down to a rate that advances the "tenths of an hour" wheel on the display.
### C. Termination
* **Rear Terminals:** Usually features spade terminals (6.3mm) or screw terminals for power input.
* **Housing:** Typically made of self-extinguishing plastic (Noryl or Polycarbonate) to meet safety standards.
---
## 3. Circuit Integration
Integrating this part into a system is straightforward as it is wired in parallel with the load it is monitoring.
```mermaid
graph LR
A[Power Source] --> B[Switch/Contactor]
B --> C[Motor/Machine]
B --> D[MA22TAA-R Hour Meter]
D --> E[Neutral]
C --> E
```
### Key Technical Notes:
1. **Non-Volatile Memory:** Because it is mechanical, the "memory" of the hours recorded is stored by the physical position of the number wheels. It retains its data even during a total power failure without needing a battery.
2. **Environmental Rating:** Most models are IP65 rated on the front face, making them resistant to dust and moisture in industrial environments.
3. **The "-R" Suffix:** Often denotes a specific mounting configuration (e.g., Round bezel) or RoHS compliance depending on the specific manufacturer's catalog.
---
- ⤷
What are the wiring differences between an AC hour meter and a DC hour meter?
- ⤷ Can the MA22TAA-R be used on a circuit with a Variable Frequency Drive (VFD)?
- ⤷ How do I calculate the power consumption of this meter for a control panel budget?