công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MA22FBA-R

  • AI
    The **MA22FBA-R** is an electronic component primarily associated with **Rotary Encoders** manufactured by **Tamagawa Seiki**. It is a high-precision feedback device used in industrial automation to monitor motor position, speed, and direction. --- ## 1. Core Technical Specifications The part number typically breaks down into specific mechanical and electrical characteristics: | Feature | Specification Details | | :--- | :--- | | **Manufacturer** | Tamagawa Seiki (Japan) | | **Encoder Type** | Absolute Rotary Encoder | | **Technology** | Magnetic sensing (Non-contact) | | **Output Type** | Serial Communication (e.g., EnDat, SSI, or proprietary) | | **Mounting Style** | Built-in / Integrated type | | **Typical Application** | Servo motors, Robotics, CNC machinery | --- ## 2. Key Electronic Components & Subsystems Inside the MA22FBA-R, several critical electronic systems work together to provide motion data: ### A. Magnetic Sensing Array Instead of an optical disk, this unit uses a **Hall-effect sensor array** or an **AMR (Anisotropic Magnetoresistive)** bridge. This makes it highly resistant to dust, oil, and vibration compared to glass-disk optical encoders. ### B. Signal Processing ASIC The analog signals from the magnetic sensors are processed by an internal **Application-Specific Integrated Circuit (ASIC)**. * **Interpolation:** Converts raw sine/cosine waves into high-resolution digital counts. * **Error Correction:** Compensates for temperature drift and mechanical misalignments. ### C. Non-Volatile Memory (EEPROM) The device contains internal memory to store: * Serial number and manufacturing data. * Calibration parameters. * "Absolute" position data (ensuring the position is remembered even after a power cycle). --- ## 3. Connector Pinout and Wiring While specific models may vary, these encoders generally follow a standard 5-pin or 8-pin interface: | Pin | Label | Description | | :--- | :--- | :--- | | 1 | VCC | Power Supply (Typically 5V DC) | | 2 | GND | Ground | | 3 | SD+ | Serial Data Positive | | 4 | SD- | Serial Data Negative (Differential) | | 5 | FG | Frame Ground (Shielding) | --- ## 4. Maintenance and Handling Because this is a sensitive electronic instrument, specific precautions must be taken: 1. **ESD Protection:** The internal CMOS circuitry is sensitive to Electrostatic Discharge. Use a grounded wrist strap during installation. 2. **Magnetic Interference:** Keep strong permanent magnets away from the encoder body, as they can interfere with the internal magnetic sensing array. 3. **Shielding:** Always use twisted-pair shielded cables to prevent EMI (Electromagnetic Interference) from the motor power lines from corrupting the encoder signal.
    ✨ Follow-up Questions
    • ⤷What is the difference between the MA22 and optical encoder versions?
    • ⤷ What are the common failure symptoms of the MA22FBA-R?
    • ⤷ Can you provide the specific communication protocol used by this encoder?