công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MA207P-R100-F

  • AI
    ## Technical Overview: MA207P-R100-F The **MA207P-R100-F** is a precision electronic component, specifically a **Metal Film Fixed Resistor** part of the MELF (Metal Electrode Leadless Face) family. These components are designed for surface-mount applications where high reliability, stability, and low noise are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Resistance Value** | 100 $\Omega$ (Ohms) | The "R100" in the part number signifies 100 ohms. | | **Tolerance** | ±1% (Typical) | High precision for signal integrity. | | **Power Rating** | 0.25W to 0.5W | Depending on thermal management and ambient temperature. | | **Package Type** | MELF (0207 size) | Cylindrical SMT package, equivalent to standard 2309 metric. | | **Technology** | Metal Film | Offers superior stability and lower thermal noise than thick film. | | **Mounting** | Surface Mount (SMD) | Designed for automated pick-and-place assembly. | --- ### 2. Component Composition & Features The "MA207" series is known for its robust construction, which includes several layers: 1. **Ceramic Core:** A high-grade Alumina ceramic rod acts as the substrate. 2. **Resistive Film:** A homogeneous metal alloy film is deposited on the ceramic rod. 3. **Termination:** Pure tin (Sn) plating over a nickel barrier layer, ensuring excellent solderability and resistance to "leaching" during soldering. 4. **Protective Coating:** A specialized lacquer or epoxy coating that protects the resistive element from environmental moisture and mechanical stress. --- ### 3. Application Advantages * **Pulse Handling:** Due to the cylindrical shape and larger resistive surface area compared to flat-chip resistors, MELF resistors like the MA207P-R100-F have superior pulse-load capability. * **Thermal Stability:** Excellent Temperature Coefficient of Resistance (TCR), meaning the resistance value changes very little as the circuit heats up. * **Low Noise:** Ideal for audio processing, precision measurement, and high-frequency telecommunications where "hiss" or signal distortion must be minimized. --- ### 4. Part Number Breakdown (MA207P-R100-F) * **MA207:** Indicates the series and physical size (MELF 0207). * **P:** Often denotes a specific power rating or professional-grade classification. * **R100:** The resistance value (100 Ohms). * **F:** Represents the tolerance (F = ±1%).
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature profiles recommended for MELF 0207 resistors?
    • ⤷ How does the pulse load capacity of this MELF resistor compare to a standard 1206 thick-film resistor?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of the MA207 series available?